Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8311 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8311
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8311 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8311 Datasheet HTML 7Page - Analog Devices AD8311 Datasheet HTML 8Page - Analog Devices AD8311 Datasheet HTML 9Page - Analog Devices AD8311 Datasheet HTML 10Page - Analog Devices AD8311 Datasheet HTML 11Page - Analog Devices AD8311 Datasheet HTML 12Page - Analog Devices AD8311 Datasheet HTML 13Page - Analog Devices AD8311 Datasheet HTML 14Page - Analog Devices AD8311 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8311
Rev. 0 | Page 11 of 24
THEORY OF OPERATION
The AD8311 is a wideband logarithmic amplifier (log amp)
similar in design to the AD8313, AD8314, and AD8315. Like
the AD8315, it is strictly optimized for use in power control
applications rather than as a measurement device. Figure 25
shows the main features in block schematic form. The output
(Pin 2, VAPC) is intended to be applied directly to the
automatic power-control (APC) pin of a power amplifier
module.
BASIC THEORY
Logarithmic amplifiers provide a type of compression in which
a signal having a large range of amplitudes is converted to one
of a smaller range. The use of the logarithmic function uniquely
results in the output representing the decibel value of the input.
The fundamental mathematical form is
Z
IN
SLP
OUT
V
V
V
V
10
log
=
(1)
where:
VIN is the input voltage.
VZ is called the intercept (voltage) because when VIN = VZ the
argument of the logarithm is unity and thus the result is zero.
VSLP is called the slope (voltage), which is the amount by which
the output changes for a certain change in the ratio (VIN/VZ).
When BASE-10 logarithms are used, denoted by the function
log10, VSLP represents the volts/decade, and since a decade
corresponds to 20 dB, VSLP/20 represents the volts/dB. For the
AD8311, a nominal (low frequency) slope of 24 mV/dB was
chosen, and the intercept VZ was placed at −59 dBm for a sine
wave input (251 µV rms). However, both the slope and the
intercept are dependent on frequency.
Keeping in mind that log amps do not respond to power but
only to voltages and that the calibration of the intercept is
waveform dependent and is only quoted for a sine wave signal,
the equivalent power response can be written as
(
)
Z
IN
DB
OUT
P
P
V
V
−
=
(2)
where the input power
PIN and the equivalent intercept PZ are
both expressed in dBm (thus, the quantity in parentheses is
simply a number of decibels), and
VDB is the slope expressed in
mV/dB. For a log amp having a slope VDB of 24 mV/dB and an
intercept at −59 dBm, the output voltage for an input power of –
30 dBm is 0.024 [−30 − (−57)] = 0.696 V.
Further details about the structure and function of log amps can
be found in data sheets for other log amps produced by Analog
Devices. Refer to the data sheets for the AD640 and AD8307,
both of which include a detailed discussion of the basic
principles of operation and explain why the intercept depends
on waveform, an important consideration when complex
modulation is imposed on an RF carrier.
10dB
INTERCEPT
POSITIONING
10dB
10dB
10dB
DET
DET
DET
DET
DET
(CURRENT-
NULLING
MODE)
RFIN
(WEAK GM STAGE)
(CURRENT-MODE SIGNAL)
⋅ 1.35
HI-Z
LOW NOISE
RAIL-TO-RAIL BUFFER
(CURRENT-MODE
FEEDBACK)
VSET
23mV/dB
250mV TO
1.4V = 50dB
(SMALL INTERNAL
FILTER CAPACITOR
FOR GHz RIPPLE)
FLTR
VAPC
LOW NOISE
BAND GAP
REFERENCE
LOW NOISE
GAIN BIAS
COM
VPOS
(PRECISE GAIN
CONTROL)
(PRECISE SLOPE
CONTROL)
V
I
OFFSET
COMPENSATION
Figure 25. Block Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com