Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH343ID Datasheet (PDF) - STMicroelectronics

TSH343ID Datasheet PDF - STMicroelectronics
Part # TSH343ID
Download  TSH343ID Download
File Size   228.94 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 280MHz Single - Supply Triple Video Buffer

TSH343ID Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH343ID Datasheet PDF - STMicroelectronics

Part # TSH343ID
Download  TSH343ID Click to download

File Size   228.94 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 280MHz Single - Supply Triple Video Buffer

TSH343ID Datasheet (HTML) - STMicroelectronics


TSH343ID Product details

Description
The TSH343 is a triple single-supply video buffer featuring an internal gain of 6dB and a large 280MHz bandwidth.
The main advantage of this circuit is that its input DC level shifter allows for video signals on 75Ω video lines without damage to the synchronization tip of the video signal, while using a single 5V power supply with no input capacitor. The DC level shifter is internally fixed and optimized to keep the output video signals between low and high output rails in the best position for the greatest linearity.

Features
■ Bandwidth: 280MHz
■ 5V single-supply operation
■ Internal input DC level shifter
■ No input capacitor required
■ 6dB internal gain for a matching between 3 channels
■ Very low harmonic distortion
■ Slew rate: 780V/μs
■ Specified for 150Ω and 100Ω loads
■ Min. and max. data tested during production

Applications
■ High-end video systems
■ High definition TV (HDTV)
■ Broadcast and graphic video
■ Multimedia products




Similar Part No. - TSH343ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH343ID STMICROELECTRONICS-TSH343ID Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH343IDT STMICROELECTRONICS-TSH343IDT Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
More results


Similar Description - TSH343ID

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
319Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV.A
AD813 AD-AD813 Datasheet
550Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV.B
logo
STMicroelectronics
TSH344 STMICROELECTRONICS-TSH344 Datasheet
222Kb / 14P
340MHz Single-Supply Triple Video Buffer
Jan-2006
TSH343 STMICROELECTRONICS-TSH343_07 Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
logo
Analog Devices
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
Single Supply, Low Power Triple Video Amplifier
23-Feb-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com