Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161622 Datasheet (PDF) - NEC

UPD161622 Datasheet PDF - NEC
Part # UPD161622
Download  UPD161622 Download
File Size   954.25 Kbytes
Page   103 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM

UPD161622 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD161622 Datasheet PDF - NEC

Part # UPD161622
Download  UPD161622 Click to download

File Size   954.25 Kbytes
Page   103 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM

UPD161622 Datasheet (HTML) - NEC


UPD161622 Product details

DESCRIPTION
The µ PD161622 is a TFT-LCD source driver that includes display RAM.
This driver has 396 outputs, a display RAM capacity of 371,712 bits (132 pixels x 16 bits x 176 lines) and, can provide a 65,536-color display.

FEATURES
• TFT-LCD driver with on-chip display RAM
• Logic power supply voltage: 2.5 to 3.6 V
• Driver power supply voltage: 4.3 to 5.5 V
• Display RAM: 132 x 16 x 176 bits
• Driver outputs: 396 output
• CPU interface: Serial, 8-bit/16-bit parallel interface selectable
• Colors: 65,536 colors/pixel
• On-chip VCOM generator
• On-chip timing generator
• On-chip oscillator




Similar Part No. - UPD161622

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD161622 RENESAS-UPD161622 Datasheet
1Mb / 106P
MOS INTEGRATED CIRCUIT
2001
UPD161622P RENESAS-UPD161622P Datasheet
1Mb / 106P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD161622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX8302A ETC-HX8302A Datasheet
125Kb / 1P
396 CHANNEL 65536 COLOR TFT SOURCE DRIVER WITH INTENAL RAM
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD161602A NEC-UPD161602A Datasheet
6Kb / 23P
360/396-OUTPUT TFT-LCD SOURCE DRIVER
UPD161620 NEC-UPD161620 Datasheet
470Kb / 71P
432 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
PD161602AB RENESAS-PD161602AB_15 Datasheet
518Kb / 26P
360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com