Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161622 Datasheet (PDF) - Renesas Technology Corp

UPD161622 Datasheet PDF - Renesas Technology Corp
Part # UPD161622
Download  UPD161622 Download
File Size   1077.63 Kbytes
Page   106 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD161622 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD161622 Datasheet PDF - Renesas Technology Corp

Part # UPD161622
Download  UPD161622 Click to download

File Size   1077.63 Kbytes
Page   106 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD161622 Datasheet (HTML) - Renesas Technology Corp


UPD161622 Product details

FEATURES
• TFT-LCD driver with on-chip display RAM
• Logic power supply voltage: 2.5 to 3.6 V
• Driver power supply voltage: 4.3 to 5.5 V
• Display RAM: 132 x 16 x 176 bits
• Driver outputs: 396 output
• CPU interface: Serial, 8-bit/16-bit parallel interface selectable
• Colors: 65,536 colors/pixel
• On-chip VCOM generator
• On-chip timing generator
• On-chip oscillator




Similar Part No. - UPD161622

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161622 NEC-UPD161622 Datasheet
954Kb / 103P
396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD161622P NEC-UPD161622P Datasheet
954Kb / 103P
396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
More results


Similar Description - UPD161622

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com