Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161831 Datasheet (PDF) - NEC

UPD161831 Datasheet PDF - NEC
Part # UPD161831
Download  UPD161831 Download
File Size   824.05 Kbytes
Page   67 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240/244-OUTPUT TFT-LCD SOURCE DRIVER WITH TIMING GENERATOR

UPD161831 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD161831 Datasheet PDF - NEC

Part # UPD161831
Download  UPD161831 Click to download

File Size   824.05 Kbytes
Page   67 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240/244-OUTPUT TFT-LCD SOURCE DRIVER WITH TIMING GENERATOR

UPD161831 Datasheet (HTML) - NEC


UPD161831 Product details

DESCRIPTION

The µPD161831 is a source driver for LIPS TFTs with on-chip timing generator and featuring 240/244 outputs. Data input as 6-bit x 3-dot digital data is output as 64 γ -corrected values using an internal D/A converter, achieving 260,000-color (full-color) display.



FEATURES

• CMOS level input

• 240/244 outputs (R, G, B output)

• Input of 6 bits (gray-scale data) by 3 dots

• Capable of outputting 64 values by means of 5 external power modules and a D/A converter

• Output dynamic range: VSS + 0.05 V to VS – 0.05 V

• High-speed data transfer: fCLK = 20 MHz MAX. (during 2-times data transfer when operating at VCC = 2.5 V. During 1-time data transfer 10 MHz MAX.)

• High-speed data transfer: fCLK = 16 MHz MAX. (during 2-times data transfer when operating at VCC = 2.2 V. During 1-time data transfer 8 MHz MAX.)

• On-chip power supplies (driver power supply, gate top power supply, gate bottom power supply)

• Logic power supply voltage (VCC): 2.2 to 3.6 V

• DC/DC reference power supply (VDC): 2.5 to 3.6 V

• On-chip timing generator (Outputs R, G, B switching signal to panel. Outputs gate control signal.)

• On-chip 8-bit serial interface (applied to SPI)



 




Similar Part No. - UPD161831

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD161831 RENESAS-UPD161831 Datasheet
1Mb / 70P
MOS INTEGRATED CIRCUIT
2002
UPD161831P RENESAS-UPD161831P Datasheet
1Mb / 70P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD161831

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16448A NEC-UPD16448A Datasheet
133Kb / 24P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD NAVIGATION, AUTOMOBILE LCD-TV
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
logo
NEC
UPD16449 NEC-UPD16449 Datasheet
131Kb / 27P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16448A RENESAS-PD16448A_15 Datasheet
266Kb / 26P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16449 RENESAS-PD16449_15 Datasheet
270Kb / 30P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com