Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3B Datasheet (PDF) - Analog Devices

HMC1048ALC3B Datasheet PDF - Analog Devices
Part # HMC1048ALC3B
Download  HMC1048ALC3B Download
File Size   373.64 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter

HMC1048ALC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1048ALC3B Datasheet PDF - Analog Devices

Part # HMC1048ALC3B
Download  HMC1048ALC3B Click to download

File Size   373.64 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter

HMC1048ALC3B Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1048ALC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1048LC3B HITTITE-HMC1048LC3B Datasheet
1Mb / 8P
GaAs MMIC DOUBLE-BALANCED
More results


Similar Description - HMC1048ALC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com