Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1101A Datasheet (PDF) - RF Monolithics, Inc

SF1101A Datasheet PDF - RF Monolithics, Inc
Part # SF1101A
Download  SF1101A Download
File Size   68.05 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 85.38 MHz SAW Filter

SF1101A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1101A Datasheet PDF - RF Monolithics, Inc

Part # SF1101A
Download  SF1101A Click to download

File Size   68.05 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 85.38 MHz SAW Filter

SF1101A Datasheet (HTML) - RF Monolithics, Inc


SF1101A Product details

85.38 MHz SAW Filter
   
• Designed for CDMA Receivers
• Low Insertion Loss
• Hermetic SMP-75 Surface-Mount Case
• Unbalanced Input and Output
   




Similar Part No. - SF1101A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF110 MOSPEC-SF110 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
ML Accessories Limited....
SF1100BC KNIGHTSBRIDGE-SF1100BC Datasheet
268Kb / 1P
INPUT VOLTAGE 230V 50Hz
02/04/2024
SF1100BN KNIGHTSBRIDGE-SF1100BN Datasheet
231Kb / 1P
10AX Fan Isolator Switch - Black Nickel
03/04/2024
SF1100MB KNIGHTSBRIDGE-SF1100MB Datasheet
214Kb / 1P
TERMINAL CAPACITY 2 x 1.0mm² or 2 x 1.5mm²
01/04/2024
SF1100MBB KNIGHTSBRIDGE-SF1100MBB Datasheet
168Kb / 1P
10AX Fan Isolator Switch - Matt Black
01/04/2024
More results


Similar Description - SF1101A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com