Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9993 Datasheet (PDF) - Maxim Integrated Products

MAX9993 Datasheet PDF - Maxim Integrated Products
Part # MAX9993
Download  MAX9993 Download
File Size   251.53 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1400MHz to 2000MHz LO Frequency

MAX9993 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9993 Datasheet PDF - Maxim Integrated Products

Part # MAX9993
Download  MAX9993 Click to download

File Size   251.53 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1400MHz to 2000MHz LO Frequency

MAX9993 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX9993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX9993ETP-T MAXIM-MAX9993ETP-T Datasheet
492Kb / 12P
High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
More results


Similar Description - MAX9993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
logo
American Accurate Compo...
JXWBVCO-S-120-200 AAC-JXWBVCO-S-120-200 Datasheet
59Kb / 1P
Voltage Controlled Oscillators 120 to 2000MHz
logo
Maxim Integrated Produc...
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
logo
RF Micro Devices
RFPA1802 RFMD-RFPA1802 Datasheet
872Kb / 10P
Integrated Power Amplifier 1600MHz to 2000MHz
logo
Analog Devices
ADRF6820 AD-ADRF6820 Datasheet
1Mb / 45P
Internal LO frequency range
Rev. C
logo
TriQuint Semiconductor
QPC6762 TRIQUINT-QPC6762 Datasheet
1Mb / 14P
75(ohm) SP6T Switch 5MHz to 2000MHz
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com