Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8547AY Datasheet (PDF) - Integrated Circuit Systems

ICS8547AY Datasheet PDF - Integrated Circuit Systems
Part # ICS8547AY
Download  ICS8547AY Download
File Size   119.07 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS

ICS8547AY Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8547AY Datasheet PDF - Integrated Circuit Systems

Part # ICS8547AY
Download  ICS8547AY Click to download

File Size   119.07 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS

ICS8547AY Datasheet (HTML) - Integrated Circuit Systems


ICS8547AY Product details

GENERAL DESCRIPTION
The ICS8547 is a Hex low skew, high performance 1-to-2 Differential-to-LVDS Clock Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. Utilizing Low Voltage Differential Signaling (LVDS) the ICS8547 provides a low power, low noise, point-to-point solution for distributing clock signals over controlled impedances of 100Ω. The ICS8547 has six selectable clock inputs. The CLKx, nCLKx pairs can accept any differential input levels and translates them to 3.3V LVDS output levels.

FEATURES
• 12 LVDS outputs
• Selectable CLKx, nCLKx inputs
• CLKx, nCLKx pair can accept the following differential input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any differential input signal (LVPECL, LVHSTL, SSTL, DCM) to LVDS levels without external bias networks
• Translates any single-ended input signal to LVDS with resistor bias on nCLKx input
• Output skew: 250ps (maximum)
• Bank skew: 15ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 1.8ns (maximum)
• 3.3V operating supply
• 0°C to 85°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS8547AY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS85401AK ICST-ICS85401AK Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS85401AKT ICST-ICS85401AKT Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
More results


Similar Description - ICS8547AY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com