Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L97 Datasheet (PDF) - Zilog, Inc.

Z86L97 Datasheet PDF - Zilog, Inc.
Part # Z86L97
Download  Z86L97 Download
File Size   1283.4 Kbytes
Page   91 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Voltage Microcontrollers

Z86L97 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86L97 Datasheet PDF - Zilog, Inc.

Part # Z86L97
Download  Z86L97 Click to download

File Size   1283.4 Kbytes
Page   91 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Voltage Microcontrollers

Z86L97 Datasheet (HTML) - Zilog, Inc.


Z86L97 Product details

Architectural Overview
The Z86L972/Z86L973/Z86L974 family is designed to be used in a wide variety of embedded control applications including home appliances, infrared (IR) remote controls, security systems, and wireless keyboards.
   
Features
• Two independent analog comparators
• Controlled current output
• 489 bytes of RAM
    – 233 bytes of general-purpose register-based RAM
    – 256 bytes of RAM mapped into the program memory space that can be
        used as data RAM or executable RAM
• 4K/8K/16K bytes of ROM
   
Counter/Timers
• Special architecture to automate generation and reception of complex pulses
    or signals:
    – Programmable 8-bit counter/timer (T8) with two 8-bit capture registers and
        two 8-bit load registers
    – Programmable 16-bit counter/timer (T16) with one 16-bit capture register
        pair and one 16-bit load register pair
    – Programmable input glitch filter for pulse reception
• One general-purpose 8-bit counter/timer (T1) with 6-bit prescaler
   
Input/Output and Interrupts
• Thirty-two I/Os, twenty-nine of which are bidirectional I/Os with programmable
    resistive pull-up transistors (24 I/Os are available in the 28-pin configuration)
• Sixteen I/Os are selectable as stop-mode recovery sources
• Six interrupt vectors with nine interrupt sources
    – Three external sources
    – Two comparator interrupts
    – Three timer interrupts
    – One low-battery detector flag
   
Operating Characteristics
• 8-MHz operation
• 2.3 V to 5.5 V operating voltage
• Low power consumption with three standby modes:
    – Stop   
    – Halt
    – Low Voltage Standby
• Low-battery detection flag
• Low-voltage protection circuit (also known as VBO, or voltage brownout,
    circuit)
• Watch-dog timer and power-on reset circuits
   
User-Programmable Option Bits
• Clock source—RC/other (LC, resonator, or crystal)
• Watch-dog timer permanently enable
• 32-kHz crystal
• Port 20–27 pull-up resistive transistor
• Port 40–42 pull-up resistive transistor
• Port 44–47 pull-up resistive transistor
• Port 50–51 pull-up resistive transistor
• Port 54–57 pull-up resistive transistor
• Port 60–63 pull-up resistive transistor
• Port 64–67 pull-up resistive transistor
   




Similar Part No. - Z86L97

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L92 ZILOG-Z86L92 Datasheet
364Kb / 71P
IR MICROCONTROLLER
Z86L9208VSC ZILOG-Z86L9208VSC Datasheet
364Kb / 71P
IR MICROCONTROLLER
logo
Maxim Integrated Produc...
Z86L98 MAXIM-Z86L98 Datasheet
525Kb / 88P
28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L9808HSC MAXIM-Z86L9808HSC Datasheet
525Kb / 88P
28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L9808PSC MAXIM-Z86L9808PSC Datasheet
525Kb / 88P
28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
More results


Similar Description - Z86L97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
Low voltage 8-bit microcontrollers with UART
1997 Apr 15
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
NXP Semiconductors
80CL31 PHILIPS-80CL31 Datasheet
405Kb / 40P
Low-voltage single-chip 8-bit microcontrollers
1995 January
logo
Zilog, Inc.
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
20-Pin Low-Voltage IR Microcontrollers
logo
Maxim Integrated Produc...
Z86L81 MAXIM-Z86L81 Datasheet
525Kb / 88P
28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L82 MAXIM-Z86L82 Datasheet
443Kb / 78P
28-Pin Low-Voltage IR Microcontrollers
Rev 0; 4/09
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com