Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM65516 Datasheet (PDF) - OKI electronic componets

MSM65516 Datasheet PDF - OKI electronic componets
Part # MSM65516
Download  MSM65516 Download
File Size   201.88 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description High performance 8-Bit Microcontroller

MSM65516 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM65516 Datasheet PDF - OKI electronic componets

Part # MSM65516
Download  MSM65516 Click to download

File Size   201.88 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description High performance 8-Bit Microcontroller

MSM65516 Datasheet (HTML) - OKI electronic componets


MSM65516 Product details

GENERAL DESCRIPTION

The MSM65516 is a high-performance 8-bit microcontroller that employs OKI original nX-8/50 CPU core. With a minimum instruction execution time of 400 ns (10MHz clock), the MSM65516 is capable of high-speed processing, and includes 32K bytes of program memory, 640 bytes of data memory, timers and serial ports. Also available are the MSM65P516, which replaces the on chip program memory with one-time PROM, and the MSM65X516, which uses external program memory.



FEATURES

• Operating range

  Operating frequency : 0 to 10MHz (VDD=4.5 to 5.5V)

                               0 to 5MHz (VDD=2.7 to 5.5V)

  Operating voltage : 2.7 to 5.5V

  Operating temperature : –40 to +85°C

• Memory space : 64K bytes

  Internal program memory : 32K bytes

  Internal data memory : 640 bytes

• Minimum instruction execution time : 400ns @ 10MHz

• Powerful instruction set : 83 basic instructions

                                   8/16-bit operation instructions

                                   Bit manipulation instructions

                                   Compound function instructions

• Abundant addressing modes

• Multiplication/division operation functions : 8 X 8 → 16

                                                           16 ÷ 8 → 16... 8

• I/O port

  Input-output port : 6 ports X 8 bits

  Input port : 1 port X 8 bits

• Timers : 8-bit auto-reload timer X 2

             16-bit auto-reload timer X 1

             Watchdog timer X 1

• Counters : Time base counter X 1

                16-bit free-running counter X 1

• Capture input : 1 channel

• Compare output : 2 channels

• Serial ports : Shift register  X 1

                   Serial port with baud rate generator

                   (UART/Synchronous) X 1

• External interrupts : 3

• Interrupt sources : 15

• Package

  64-pin plastic shrink DIP (SDIP64-P-750-1.78) : (MSM65516-XXXSS, MSM65P516-XXXSS)

  64-pin plastic QFP (QFP64-P-1414-0.80-BK) : (MSM65516-XXXGS-BK, MSM65P516-XXXGS BK)

  68-pin plastic QFJ (PLCC) (QFJ68-P-S950-1.27) : (MSM65516-XXXJS, MSM65P516-XXXJS)

                                                                  XXX indicates the code number.




Similar Part No. - MSM65516

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65511 OKI-MSM65511 Datasheet
344Kb / 25P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65512A-XXXGS-2K OKI-MSM65512A-XXXGS-2K Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65512A-XXXJS OKI-MSM65512A-XXXJS Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
More results


Similar Description - MSM65516

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
High Performance 8-Bit Microcontroller
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
High Performance 8-Bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
High Performance 8-bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
High Performance 8-bit RISC Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_02 Datasheet
1Mb / 83P
High Performance 8-bit Microcontroller
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
High Performance 8-bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com