Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2215 Datasheet (PDF) - OKI electronic componets

ML2215 Datasheet PDF - OKI electronic componets
Part # ML2215
Download  ML2215 Download
File Size   197.87 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM

ML2215 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2215 Datasheet PDF - OKI electronic componets

Part # ML2215
Download  ML2215 Click to download

File Size   197.87 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM

ML2215 Datasheet (HTML) - OKI electronic componets


ML2215 Product details

GENERAL DESCRIPTION

The ML2215 is an ADPCM-based Speech Synthesizer LSI with on-chip 3 Mbit Mask ROM for storing multiple speech data. In addition, the LSI has a built-in Music Generator circuit that can generate music by automatically acquiring user-defined musical notes data from the ROM. The ML2215 contains a 12-bit D/A Converter and Low Pass Filter, and enables a user to readily built a message and music playback sub-system by simply adding an external speaker and driving amplifier.



FEATURES

• On-Chip 3 Mbit Mask ROM

• Serial Interface: User-selectable Mask options for 2-pin or 3-pin interfacing

• 3 Speech Synthesis Algorithms for user selection 4-bit ADPCM/8-bit OKI Non-Linear PCM/8-bit PCM/Music

• Sampling Frequency (At 4.096 MHz External Clock 4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.8 kHz, 16.0 kHz

• Built-in Music Generator function User-definable 31 musical scales, 60 musical notes, and 30 tempos

• User-defined Phrases up to 247 phrases, including music.

• Built-in 12-bit D/A Converter

• Built-in Low Pass Filter

• Driver for piezo-speaker (MD pin)

• External Clock: Frequency can be selected as Mask option 4.096 MHz, 8.192 MHz, 16.384 MHz

• Power Supply Voltage: 2.4 to 5.5 V

• Package: 20-pin plastic SSOP (SSOP20-P-44-0.65-K) (Product name: ML2215-xxxMB)

24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: ML2215-xxxMA)




Similar Part No. - ML2215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMA OKI-ML2213-XXXMA Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMB OKI-ML2213-XXXMB Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
More results


Similar Description - ML2215

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
logo
King blillion Electroni...
SF23C3200B KB-SF23C3200B Datasheet
295Kb / 7P
32 Mbit CMOS Mask Programmable ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com