Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2215 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML2215
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215 Datasheet(HTML) 5 Page - OKI electronic componets

  ML2215 Datasheet HTML 1Page - OKI electronic componets ML2215 Datasheet HTML 2Page - OKI electronic componets ML2215 Datasheet HTML 3Page - OKI electronic componets ML2215 Datasheet HTML 4Page - OKI electronic componets ML2215 Datasheet HTML 5Page - OKI electronic componets ML2215 Datasheet HTML 6Page - OKI electronic componets ML2215 Datasheet HTML 7Page - OKI electronic componets ML2215 Datasheet HTML 8Page - OKI electronic componets ML2215 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
5/26
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
V
DD
–0.3 to +7.0
V
Input Voltage
V
IN
Ta = 25°C
–0.3 to V
DD+0.3
V
Storage Temperature
T
STG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
V
DD
—
2.4 to 5.5
V
Operating Temperature
T
OP
—
–40 to +85
°C
4.096
8.192
External Clock Frequency
f
EXTCK
Selected as Mask options
16.384
MHz
ELECTRICAL CHARACTERISTICS
DC Characteristics
(V
DD = 2.4 to 5.5 V, GND = 0 V, Ta = –40 to 85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” Input Voltage
V
IH
—
0.87
× V
DD
——
V
“L” Input Voltage
V
IL
—
—
—
0.13
× V
DD
V
“H” Output Voltage
V
OH
l
OH = –500 µAVDD–0.3
—
—
V
“L” Output Voltage
V
OL
l
OL = 1 mA
—
—
0.4
V
“H” Input Current
I
IH
V
IH = VDD
——
10
µA
“L” Input Current
I
IL
V
IL = GND
–10
—
—
µA
Operating Power Consumption
I
DD
——
1
4
mA
Standby Power Consumption
I
DS1
Ta = –40 to +50°C
—
—
10
µA
Standby Power Consumption
I
DS2
Ta = 50 to +85°C
—
—
30
µA
DA Output Relative Error
|V
DAE|—
—
—
40
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com