Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2215 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML2215
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML2215 Datasheet HTML 13Page - OKI electronic componets ML2215 Datasheet HTML 14Page - OKI electronic componets ML2215 Datasheet HTML 15Page - OKI electronic componets ML2215 Datasheet HTML 16Page - OKI electronic componets ML2215 Datasheet HTML 17Page - OKI electronic componets ML2215 Datasheet HTML 18Page - OKI electronic componets ML2215 Datasheet HTML 19Page - OKI electronic componets ML2215 Datasheet HTML 20Page - OKI electronic componets ML2215 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
17/26
8.2 Musical Note Data
Musical note data consists of 2 bytes and is stored in the Mask ROM’s User’s Data area, where a user can define
scale, note and the end-bit for a music phrase. Table 8.2 shows the coding format for musical note data.
Table 8.2 Coding Format for Musical Note Data
NSB
7SB
6SB
5SB
4SB
3SB
2SB
LSB
The First Byte
END-Bit
0
L5
L4
L3
L2
L1
L0
Musical Note Code
The Second Byte
N7
N6
N5
N4
N3
N2
N1
N0
Musical Scale Code
(1) Musical Scale Code
Musical scale code is defined at the second byte. The following equation shows output frequency from the Music
Generator circuit at 4.096 MHz external clock.
kHz (“N” is integer between 4 to 127)
Co-relationship between “N” and musical scale can be calculated as follows:
N = 2
7N7 + 26N6 +25N5 + 24N4 + 23N3 + 22N2 + 21N1 + 20N0
When all values for N7 to N2 are set to “0”, no music is reproduced during the period specified by the note code.
At this instance, the values of N1 and N0 have no significance (Don’t care).
Table 8.3 shows major musical scales (keys) and their corresponding scale codes.
32
(N + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com