Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2215 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML2215
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML2215 Datasheet HTML 8Page - OKI electronic componets ML2215 Datasheet HTML 9Page - OKI electronic componets ML2215 Datasheet HTML 10Page - OKI electronic componets ML2215 Datasheet HTML 11Page - OKI electronic componets ML2215 Datasheet HTML 12Page - OKI electronic componets ML2215 Datasheet HTML 13Page - OKI electronic componets ML2215 Datasheet HTML 14Page - OKI electronic componets ML2215 Datasheet HTML 15Page - OKI electronic componets ML2215 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
12/26
00000H
007C7H
Phrase Control Table Area
007C8H
5FFFCH
User’s Date Area
5FFFDH
5FFFFH
Test Date Area
Figure 2.1 Mask ROM Address Map
3.
Mask Options
The following mask options are available to choose an interfacing type and an external clock frequency, as shown
in Table 3.1.
Table 3.1 Mask Options
Option
Interfacing Type
External Clock Frequency
A
3-pin Interfacing
4.096 MHz
B
3-pin Interfacing
8.192 MHz
C
3-pin Interfacing
16.384 MHz
D
2-pin Interfacing
4.096 MHz
E
2-pin Interfacing
8.192 MHz
F
2-pin Interfacing
16.384 MHz
4.
Interfacing Types
Mask option allows a user to select a interfacing type and a frequency of external clock input. Available options
are listed in Table 3.1 below.
4.1 2-pin Controlled Serial Input Interface
2-pin interfacing uses the SD and SI pins to control interfacing. Pull the
ST pin down to “L”.
Figure 4.1 Timing Chart of Serial Input
As shown in Figure 4.1, serial data input is enabled by entering 1
µsec or longer “L” input (the Start-bit input) to
the SD pin. Serial data input to the SD pin is fetched to the internal register in synchronization with the falling
edge of the SI’s 8th clock as a phrase code for a user-defined phrase.
SD
SI
NAR
BUSY
t
SDST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com