Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2215 Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML2215
Description  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML2215 Datasheet HTML 10Page - OKI electronic componets ML2215 Datasheet HTML 11Page - OKI electronic componets ML2215 Datasheet HTML 12Page - OKI electronic componets ML2215 Datasheet HTML 13Page - OKI electronic componets ML2215 Datasheet HTML 14Page - OKI electronic componets ML2215 Datasheet HTML 15Page - OKI electronic componets ML2215 Datasheet HTML 16Page - OKI electronic componets ML2215 Datasheet HTML 17Page - OKI electronic componets ML2215 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
14/26
5.
External Clock Input
Mask option allows a user to choose an external clock frequency, as shown in Table 5.1.
Table 5.1 External Clock Frequency and Sampling Frequency
External Clock Frequency
Internal Sampling Frequency
4.096 MHz
4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.8 kHz, 16.0 kHz
8.192 MHz
4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.8 kHz, 16.0 kHz
16.384 MHz
4.0 kHz, 5.3 kHz, 6.4 kHz, 8.0 kHz, 10.7 kHz, 12.8 kHz, 16.0 kHz
When an external clock frequency were chosen as Mask option and a different frequency input were made, the
sampling frequency changes in proportion to the actual input frequency. For example, while 4.096 MHz external
clock frequency option was selected as Mask option, and when 6.144 MHz external clock is actually input, then
the sampling frequency changes accordingly, e.g. sampling frequency at 1.5 times of those shown in Table 5.1.
6.
Stop Code
The Stop code input (Table 1.1) to the SD pin during playback let the LSI stop playback on the SI’s falling edge
following to the LSB input, and the AOUT fall down to 1/2 V
DD level. If the LSI playbacks a music phrase, music
stops as well.
Timings for the Stop code input are shown below, for 2-pin interfacing in Figure 6.1 and for 3-pin interfacing in
Figure 6.2 respectively.
Figure 6.1 Timing for Stop Code Input - 2-pin Interfacing
Figure 6.2 Timing for Stop Code Input - 3-pin Interfacing
SD
SI
BUSY
STOP
SD
SI
BUSY
STOP
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com