Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62520FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62520FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62520FP
Download  M62520FP Download
File Size   32.32 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET

M62520FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62520FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62520FP
Download  M62520FP Click to download

File Size   32.32 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET

M62520FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62520FP Product details

DESCRIPTION
M62520FP is monolithic integrated circuit integrating high precision regulator and reset IC targeted for printer, CD-ROM, CD-R, and the other OA equipments. This regulator features high precision output, low input/output differential, high current capability, and high ripple rejection ratio. Compact application design is made easy by small 8pin package.

FEATURES
* High precision output voltage-----3.3V±2%
* High output current-----------300mA(max.)
* High ripple rejection ratio--------80dB(typ.)
* Low input/output differential--- 0.3V(typ.)(IL=150mA)
* Small limiting current due to shorted loads by drooping fold-back protection------------ 20mA(typ.)
* Load regulation----------------30mV(typ.)
* ON/OFF control available for regulator output
* Non-adjustment for reset detection voltage----3.9V±2%
* Reset--monitors input voltage 5V

APPLICATION
   OA equipments such as printer, CD-ROM, and so forth Some parametric limits are subject to change.




Similar Part No. - M62520FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62525FP MITSUBISHI-M62525FP Datasheet
38Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
More results


Similar Description - M62520FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5294P MITSUBISHI-M5294P Datasheet
235Kb / 7P
SYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERENTIAL TYPE -5V REGURATOR,AND 3.0V REGULATOR FOR MUTE FUNCTION
M62525FP MITSUBISHI-M62525FP Datasheet
38Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
logo
Sharp Corporation
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Connor-Winfield Corpora...
PVL54I90 CONNOR-WINFIELD-PVL54I90 Datasheet
107Kb / 2P
3.3V PECL VCXO WITH DIFFERENTIAL OUTPUT
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Silicon Supplies
SIS1084L-3.3V SS-SIS1084L-3.3V Datasheet
339Kb / 4P
Positive Fixed 3.3V Output Low Dropout Voltage Regulator in bare die form
Rev 1.0 10/05/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com