Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62525FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62525FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62525FP
Download  M62525FP Download
File Size   38.41 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET

M62525FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62525FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62525FP
Download  M62525FP Click to download

File Size   38.41 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET

M62525FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62525FP Product details

DESCRIPTION
M62525FP is a monolithic integrated circuit integrating 2ch regulator and reset IC targeted for printer, CD-ROM, CD-R, and the other OA equipments. This device has 2 regulators with high precision output, low input/output differential, high current capability, and high ripple rejection ratio. Compact application design is made easy by small 16pin package.

FEATURES
* High precision output voltage: 3.3V±2%(CH1), 2.5V±2%(CH1)
* High output current: 300mA(max.) for each channel
* High ripple rejection ratio: 80dB(typ.)
* Low input/output differential: 0.3V(typ.)(IL=150mA)
* Small limiting current due to shorted loads by drooping fold-back protection: 50mA(typ.)
* Load regulation: 20mV(typ.)
* ON/OFF control available for regulator output
* Non-adjustment for reset detection voltage: 4.0V±2%
* Reset: monitors input voltage 5V

APPLICATION
   OA equipments such as printer, CD-ROM, and so forth Some parametric limits are subject to change.




Similar Part No. - M62525FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62520FP MITSUBISHI-M62520FP Datasheet
32Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
More results


Similar Description - M62525FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5294P MITSUBISHI-M5294P Datasheet
235Kb / 7P
SYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERENTIAL TYPE -5V REGURATOR,AND 3.0V REGULATOR FOR MUTE FUNCTION
M62520FP MITSUBISHI-M62520FP Datasheet
32Kb / 4P
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
logo
Sharp Corporation
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
logo
ON Semiconductor
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com