Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5074ACPZ-R7 Datasheet (PDF) - Analog Devices

ADP5074ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADP5074ACPZ-R7
Download  ADP5074ACPZ-R7 Download
File Size   520.91 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.4 A, DC-to-DC Inverting Regulator

ADP5074ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5074ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADP5074ACPZ-R7
Download  ADP5074ACPZ-R7 Click to download

File Size   520.91 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.4 A, DC-to-DC Inverting Regulator

ADP5074ACPZ-R7 Datasheet (HTML) - Analog Devices




Similar Part No. - ADP5074ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5074 AD-ADP5074 Datasheet
509Kb / 17P
1.2 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5074 AD-ADP5074 Datasheet
715Kb / 23P
2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
12/2019-Rev. 0 to Rev. A
More results


Similar Description - ADP5074ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Vicor Corporation
PRM48DH480B03 VICOR-PRM48DH480B03 Datasheet
713Kb / 22P
DC to DC Regulator
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_17 Datasheet
204Kb / 5P
Inverting DC/DC Controller (SOP)
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
logo
Analog Devices
ADP5073 AD-ADP5073 Datasheet
509Kb / 17P
1.2 A, DC-to-DC Inverting Regulator
10/2017-Rev. 0 to Rev. A
ADP5075 AD-ADP5075 Datasheet
652Kb / 19P
800 mA, DC-to-DC Inverting Regulator
9/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com