Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP32V Datasheet (PDF) - Micrel Semiconductor

SY10EP32V Datasheet PDF - Micrel Semiconductor
Part # SY10EP32V
Download  SY10EP32V Download
File Size   132.19 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨 2 DIVIDER

SY10EP32V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EP32V Datasheet PDF - Micrel Semiconductor

Part # SY10EP32V
Download  SY10EP32V Click to download

File Size   132.19 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨 2 DIVIDER

SY10EP32V Datasheet (HTML) - Micrel Semiconductor


SY10EP32V Product details

DESCRIPTION
The SY10/100EP32V is an integrated ÷2 divider with differential clock inputs.
The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC-coupled inputs. When used, decouple VBB and VCC via a 0.01µF capacitor and limit current sourcing or sinking to 0.5mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronous use of multiple EP32’s in a system.
The 100k series includes internal temperature compensation circuitry.

FEATURES
■ Guaranteed maximum frequency > 4GHz
■ 3.3V and 5V power supply options
■ Guaranteed propagation delay <440ps over temperature
■ Internal 75KΩ input pull-down resistors
■ Wide operating temperature range: –40°C to +85°C
■ Available in 8-pin MSOP and SOIC packages




Similar Part No. - SY10EP32V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP31V MICREL-SY10EP31V Datasheet
81Kb / 6P
5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31V MICREL-SY10EP31V Datasheet
111Kb / 7P
5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VKC MICREL-SY10EP31VKC Datasheet
81Kb / 6P
5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VKC MICREL-SY10EP31VKC Datasheet
111Kb / 7P
5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VKCTR MICREL-SY10EP31VKCTR Datasheet
81Kb / 6P
5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
More results


Similar Description - SY10EP32V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
5V/3.3V 첨 4 DIVIDER
logo
ON Semiconductor
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com