Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL33 Datasheet (PDF) - Micrel Semiconductor

SY10EL33 Datasheet PDF - Micrel Semiconductor
Part # SY10EL33
Download  SY10EL33 Download
File Size   59.04 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨 4 DIVIDER

SY10EL33 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EL33 Datasheet PDF - Micrel Semiconductor

Part # SY10EL33
Download  SY10EL33 Click to download

File Size   59.04 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨 4 DIVIDER

SY10EL33 Datasheet (HTML) - Micrel Semiconductor


SY10EL33 Product details

DESCRIPTION

The SY10/100EL33/L are integrated ÷4 dividers. The differential clock inputs and the VBB allow a differential, single-ended or AC-coupled interface to the device. If used, the VBB output should be bypassed to ground with a 0.01µF capacitor. Also note that the VBB is designed to be used as an input bias on the EL33/L only; the VBB output has limited current sink and source capability.

The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flops will attain a random state; the reset input allows for the synchronization of multiple EL33/Ls in a system.



FEATURES

■ 3.3V and 5V power supply options

■ 650ps propagation delay

■ 4.0GHz toggle frequency

■ High bandwidth output transistions

■ Internal 75kΩ input pull-down resistors

■ Available in 8-pin SOIC package



 




Similar Part No. - SY10EL33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33 Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL33L MICREL-SY10EL33L Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL33LZC MICREL-SY10EL33LZC Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL33LZCTR MICREL-SY10EL33LZCTR Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL33LZG MICREL-SY10EL33LZG Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
More results


Similar Description - SY10EL33

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
5V/3.3V 첨 2 DIVIDER
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
3.3GHz 첨 4 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
logo
Micrel Semiconductor
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
5V/3.3V 첨 2 DIVIDER
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
3.3GHZ 첨 4 Fixed Modulus Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com