Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL32V Datasheet (PDF) - Micrel Semiconductor

SY10EL32V Datasheet PDF - Micrel Semiconductor
Part # SY10EL32V
Download  SY10EL32V Download
File Size   49.07 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨 2 DIVIDER

SY10EL32V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EL32V Datasheet PDF - Micrel Semiconductor

Part # SY10EL32V
Download  SY10EL32V Click to download

File Size   49.07 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 첨 2 DIVIDER

SY10EL32V Datasheet (HTML) - Micrel Semiconductor


SY10EL32V Product details

DESCRIPTION
The SY10/100EL32V are integrated ÷2 dividers. The differential clock inputs and the VBB allow a differential, single-ended or AC-coupled interface to the device. If used, the VBB output should be bypassed to ground with a 0.01µF capacitor. Also note that the VBB is designed to be used as an input bias on the EL32V only; the VBB output has limited current sink and source capability.

FEATURES
■ 3.3V and 5V power supply options
■ 510ps propagation delay
■ 3.0GHz toggle frequency
■ High bandwidth output transistions
■ Internal 75KΩ input pull-down resistors
■ Available in 8-pin SOIC package




Similar Part No. - SY10EL32V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY10EL32VZC MICREL-SY10EL32VZC Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY10EL32VZCTR MICREL-SY10EL32VZCTR Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY10EL32VZG MICREL-SY10EL32VZG Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
SY10EL32VZGTR MICREL-SY10EL32VZGTR Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
More results


Similar Description - SY10EL32V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
5V/3.3V 첨 4 DIVIDER
logo
ON Semiconductor
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
5V/3.3V 첨 2 DIVIDER
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
5V/3.3V 첨 4 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
5V/3.3V 첨 2 DIVIDER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com