Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4614 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4614 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4614
Download  AO4614 Download
File Size   142.89 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO4614 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4614 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4614
Download  AO4614 Click to download

File Size   142.89 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO4614 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4614 Product details

General Description

The AO4614 uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used in H-bridge, Inverters and other applications. Standard Product AO4614 is Pb-free (meets ROHS & Sony 259 specifications). AO4614L is a Green Product ordering option. AO4614 and AO4614L are electrically identical.



Features

n-channel                                        p-channel

VDS (V) = 40V                                    -40V

ID = 6A (VGS=10V)                         -5A (VGS = -10V)

RDS(ON)                                        RDS(ON)

< 31mΩ (VGS=10V)                        < 45mΩ (VGS = -10V)

< 45mΩ (VGS=4.5V)                       < 63mΩ (VGS = -4.5V)




Similar Part No. - AO4614

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AO4614 VBSEMI-AO4614 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4614 UMW-AO4614 Datasheet
358Kb / 9P
40V P-Channel and N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AO4614 EVVOSEMI-AO4614 Datasheet
316Kb / 9P
40V P-Channel and N-Channel MOSFET
Rev:2023A2
logo
Alpha & Omega Semicondu...
AO4614A AOSMD-AO4614A Datasheet
152Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
Complementary Trench MOSFET
More results


Similar Description - AO4614

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com