Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC641A Datasheet (PDF) - Torex Semiconductor

XC641A Datasheet PDF - Torex Semiconductor
Part # XC641A
Download  XC641A Download
File Size   287.34 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description CMOS Low Power Consumption

XC641A Datasheet (PDF)

Go To PDF Page Download Datasheet
XC641A Datasheet PDF - Torex Semiconductor

Part # XC641A
Download  XC641A Click to download

File Size   287.34 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description CMOS Low Power Consumption

XC641A Datasheet (HTML) - Torex Semiconductor


XC641A Product details

■ General Description
The XC641A series are highly precise, low power consumption, multi power supply IC s, manufactured using CMOS and laser trimming technologies. The IC consists of a highly precise reference, 4 voltage regulators, 2 voltage detectors, and an output control circuit.
Because the regulators can be disabled through the EN pins, in standby, current consumption can be greatly reduced. The minimal input / output differential supports efficient voltage circuit design. The XC641A is particularly suitable for use with battery powered equipment where power supply control is all important.
The series comes in a small TSSOP-16 package.

◆ CMOS Low Power Consumption
◆ 4 Voltage Regulators and 2 Voltage Detectors Built-In.
◆ Output Control Circuit
◆ Output Voltage and Detect Voltage Range : 2V ~ 5V
◆ Output Voltage Accuracy and Detect Voltage Range: ±2%
◆ 16 Pin TSSOP Package

■ Features
   Output Voltage / Detect Voltage Range
                        : 2V ~ 5V : Selectable in 0.1V
                           increments ( Semi-Custom )
   Highly Accurate : Setup voltage ±2%
   Low power consumption: TYP 25µA
                                            TYP 6µA [ When the EN input is
                                            OFF (standard products) ]
   Output voltage temperature characteristics
                                          : TYP±100ppm/°C
   Small Package : TSSOP-16

■ Applications
● Battery Operated Power Supply Systems
● Mobile Phones, Cordless Phones, and other Portable Communication Systems.




Similar Part No. - XC641A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
More results


Similar Description - XC641A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Torex Semiconductor
XC62G TOREX-XC62G Datasheet
425Kb / 11P
CMOS Low Power Consumption
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com