Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6207 Datasheet (PDF) - Torex Semiconductor

XC6207 Datasheet PDF - Torex Semiconductor
Part # XC6207
Download  XC6207 Download
File Size   712.25 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description CMOS Low Power Consumption

XC6207 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6207 Datasheet PDF - Torex Semiconductor

Part # XC6207
Download  XC6207 Click to download

File Size   712.25 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description CMOS Low Power Consumption

XC6207 Datasheet (HTML) - Torex Semiconductor


XC6207 Product details

■GENERAL DESCRIPTION

The XC6207 series are precise, low noise, high speed, low dropout regulators with green operation (GO) function. They are fabricated using Torex’s CMOS process. Performance features of the series include high ripple rejection and low dropout voltage, and the series include a reference voltage source, an error amplifier, a current limiter, and a phase compensation circuit.



◆CMOS Low Power Consumption

◆Dropout Voltage  : 40mV@30mA

                            120mV@100mA

◆Output Voltage Range  : 1.2V ~ 5.0V

◆Output Current  : 300mA

◆Low ESR Capacitor Compatible

◆High Ripple Rejection, Low Output Noise

◆Regulators with Green Operation (GO) Function

◆CL High-Speed Auto-Discharge (XC6207B)



■FEATURES

Maximum Output Current : 300mA

Dropout Voltage : 120mV@ IOUT=100mA

Operating Voltage Range: 2.0V ~ 6.0V

Output Voltage Setting Range : 1.2V ~ 5.0V (50mV increments)

Accuracy: ±2% (HS Mode:VOUT >1.5V)

             +2%,-3% (PS Mode:VOUT >1.5V)

             ±30mV (HS Mode:VOUT≦1.5V)

             +30mV, -45mV (PS Mode:VOUT≦1.5V)

Low Power Consumption: 5.5μA (TYP.)(PS mode)

                                  50μA (TYP.)(HS mode)

Standby Current : Less than 0.1μA

High Ripple Rejection : 70dB @ 1kHz

Operating Temperature Range : -40℃~ 85℃

Low ESR Capacitor  : Ceramic capacitor compatible

Ultra Small Packages: SOT-89-5

                            SOT-25

                            USP-6C



■APPLICATIONS

●Cellular phones

●Cordless phones, Wireless communication equipment

●Portable games

●Cameras, VCRs

●Portable AV equipment

●PDAs




Similar Part No. - XC6207

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207 Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
XC6207A122EL TOREX-XC6207A122EL Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ER TOREX-XC6207A122ER Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ML TOREX-XC6207A122ML Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
XC6207A122MR TOREX-XC6207A122MR Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
More results


Similar Description - XC6207

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Torex Semiconductor
XC62G TOREX-XC62G Datasheet
425Kb / 11P
CMOS Low Power Consumption
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com