Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62G Datasheet (PDF) - Torex Semiconductor

XC62G Datasheet PDF - Torex Semiconductor
Part # XC62G
Download  XC62G Download
File Size   425.47 Kbytes
Page   11 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description CMOS Low Power Consumption

XC62G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC62G Datasheet PDF - Torex Semiconductor

Part # XC62G
Download  XC62G Click to download

File Size   425.47 Kbytes
Page   11 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description CMOS Low Power Consumption

XC62G Datasheet (HTML) - Torex Semiconductor


XC62G Product details

■ General Description
The XC62G series are highly precise, low power consumption positive voltage regulators, manufactured using CMOS and laser trimming technologies. The series achieves high output currents, with low inputoutput voltage differentials, and consists of a high precision voltage reference, an error correction circuit, and an output driver with current limitation. With good transient responses, output remains stable even during load changes. Also, having high ripple rejection ratios, the series can be used with low power supply noise. The CE input enables the output to be turned off, resulting in reduced power consumption. SOT-25 (150mW) and SOT-89-5 (500mW) packages are available. With regards to the CE function, as well as the positive logic XC62GR series, a negative logic XC62GP series (custom) is also available.

■ Features
    Maximum Output Current
                                      : 150mA (within max. power
                                        dissipation,VOUT=3.0V)
    Output Voltage Range : 2.1V~5.0V in 0.1V increments
    Highly Accurate : Set-up voltage ±2%
                                          (±1% for semi-custom products)
    Low Power Consumption
                                       : TYP. 13µA (VOUT= 3.0V),
                                         TYP 23µA (VOUT=3.0V semi-custom,
                                         high-speed versions),
    TYP 0.1µA (Stand-by mode)
    Output Voltage Temperature Characteristics
                                         : TYP ±100ppm/°C
    Input Stability : TYP 0.2%/V
    Ultra Small Packages : SOT-25 (150mW) mini-mold
                                         SOT-89-5 (500mW) mini-power mold

■ Applications
● Battery-powered Equipment
● Voltage supplies for cellular phones
● Cameras, Video Recorders
● Palmtops




Similar Part No. - XC62G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62GP3011ML TOREX-XC62GP3011ML Datasheet
229Kb / 13P
Positive Voltage Regulators (Output On/Off)
XC62GP3011MR TOREX-XC62GP3011MR Datasheet
229Kb / 13P
Positive Voltage Regulators (Output On/Off)
XC62GP3011PL TOREX-XC62GP3011PL Datasheet
229Kb / 13P
Positive Voltage Regulators (Output On/Off)
XC62GP3011PR TOREX-XC62GP3011PR Datasheet
229Kb / 13P
Positive Voltage Regulators (Output On/Off)
XC62GP3012ML TOREX-XC62GP3012ML Datasheet
229Kb / 13P
Positive Voltage Regulators (Output On/Off)
More results


Similar Description - XC62G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com