Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC69301-1.2WR Datasheet (PDF) - Microchip Technology

MIC69301-1.2WR Datasheet PDF - Microchip Technology
Part # MIC69301-1.2WR
Download  MIC69301-1.2WR Download
File Size   2139.72 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Supply VIN, Low VIN, Low VOUT, 3A LDO

MIC69301-1.2WR Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC69301-1.2WR Datasheet PDF - Microchip Technology

Part # MIC69301-1.2WR
Download  MIC69301-1.2WR Click to download

File Size   2139.72 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Supply VIN, Low VIN, Low VOUT, 3A LDO

MIC69301-1.2WR Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC69301-1.2WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69301-1.2WR MICREL-MIC69301-1.2WR Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69301-1.2WR MICREL-MIC69301-1.2WR Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
More results


Similar Description - MIC69301-1.2WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com