Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-IOD04K Datasheet (PDF) - STMicroelectronics

STSW-IOD04K Datasheet PDF - STMicroelectronics
Part # STSW-IOD04K
Download  STSW-IOD04K Download
File Size   2183.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial smart sensor kit based on L6364W dual IO-Link device transceiver

STSW-IOD04K Datasheet (PDF)

Go To PDF Page Download Datasheet
STSW-IOD04K Datasheet PDF - STMicroelectronics

Part # STSW-IOD04K
Download  STSW-IOD04K Click to download

File Size   2183.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial smart sensor kit based on L6364W dual IO-Link device transceiver

STSW-IOD04K Datasheet (HTML) - STMicroelectronics


STSW-IOD04K Product details

Description
The STEVAL-IOD04KT1 is a reference design kit that exploits the features of the L6364W IO-Link dual-channel device transceiver. The kit consists of the STEVAL-IOD004V1 main board (not available for sale), the STLINK-V3MINI programmer and debugger tool, a 14-pin flat cable, and an M8 to M12 standard industrial connector adapter. The kit acts as a modern smart industrial sensor to be connected to a master IO-Link hub (or a suitable PLC interface). The power supply for the MCU, sensors, and other logic devices derives from the DC-DC converter controller embedded in the L6364W. The on-board STM32G071EB microcontroller runs an IO-Link demo stack v.1.1, which controls the IO-Link communication, and the software code that manages the L6364W transceiver and the MEMS industrial sensors. Product summary Industrial smart sensor kit based on L6364W dual IO-Link device transceiver STEVAL-IOD04KT1 Software pack for STEVAL-IOD04KT1 with IO-Link stack v1.1, IODD, and control software for industrial sensors STSW-IOD04K Dual channel IOLink device transceiver in CSP

Features
■ Kit content: – STEVAL-IOD004V1 (45.8 x 8.3 mm) main board with shape easy to be integrated in industrial sensors housing (not available for separate sale) – STLINK-V3MINI programmer and debugger tool – M8-M12 industrial connector adapter including a 20 cm cable – 14-pin flat cable
■ Main board features: – Industrial sensor node based on STM32G071EB (mainstream Arm® Cortex®-M0+ RISC core MCU operating at up to 64 MHz frequency), L6364W (dual channel transceiver IC for SIO and IO-Link sensor applications), IIS2MDC (high accuracy, ultra-low-power, 3-axis digital output magnetometer) and ISM330DHCX (iNEMO inertial module with machine learning core, and finite state machine with digital output for industrial applications) – Runs an IO-Link v.1.1 demo-stack and MEMS control software, included in the companion package STSW-IOD04K together with the IODD file – Operating voltage range 7 to 32 V – Four-pole M8 industrial standard connector – L6364W embedded DC-DC converter provides 3.3 V supply for all on- board ICs – General-purpose LEDs for transmission, programming/debugging, warning, and status – Jumpers for CQ and DIO selection in independent or joint mode – Switch for transmission mode selection (transparent, single, or multioctet) – Reset button – 10-pin connector for sensor expansion options – SWD connector for debugging and programming capability – Protections against surge pulse (up to ± 3APK with 500 Ω coupling) and reverse polarity – EMC and EMI tested according to standard requirements – RoHS compliant




Similar Part No. - STSW-IOD04K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSW-IOD003 STMICROELECTRONICS-STSW-IOD003 Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
More results


Similar Description - STSW-IOD04K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
logo
STMicroelectronics
STEVAL-IDP003V1 STMICROELECTRONICS-STEVAL-IDP003V1 Datasheet
402Kb / 10P
IO-Link industrial modular sensor board based on L6362A
25-Oct-2017
logo
Maxim Integrated Produc...
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com