Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-IOD04K Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSW-IOD04K
Description  Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-IOD04K Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSW-IOD04K Datasheet HTML 2Page - STMicroelectronics STSW-IOD04K Datasheet HTML 3Page - STMicroelectronics STSW-IOD04K Datasheet HTML 4Page - STMicroelectronics STSW-IOD04K Datasheet HTML 5Page - STMicroelectronics STSW-IOD04K Datasheet HTML 6Page - STMicroelectronics STSW-IOD04K Datasheet HTML 7Page - STMicroelectronics STSW-IOD04K Datasheet HTML 8Page - STMicroelectronics STSW-IOD04K Datasheet HTML 9Page - STMicroelectronics STSW-IOD04K Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 4. STEVAL-IOD004V1 (main board) circuit schematic (3 of 4)
Low Current
DEBUG LED
GND
L6364_UART TX
L6364_UART RX
L6364_MOSI
L6364_MISO
L6364_INT
I2C_SCL
I2C_SDA
CLTD
L6364_SS
INT2_iNEMO
3V3
3V3
3V3
3V3
3V3
3V3
3V3
3V3
R9
10K
NM
C11
100nF
R5
100
U2
STM32G071EBY
PA15
A1
PA14-BOOT0
A2
PB5
A3
PB7
A4
PC14-ASC32IN
A5
PA12[PA10]
B1
PA13
B2
PB6
B3
PB8
B4
PC15-ASC32OUT
B5
PA11[PA9]
C1
PA6
C2
PA3
C3
C4
PA0
C5
VDD/VDDA
PA8
D1
PA7
D2
PA4
D3
PA1
D4
VSS/ASSA
D5
C12
22uF
R2
10K
C9
100nF
R8
10K
NM
R3
2.7K
C8
22uF
R11
680
R10
10K
NM
R6
100
LD3
LED BLUE
R4
2.7K
C10
100nF
SW2
miniswitch
J1
SWD connector -Programming
1
2
3
4
5
6
7
8
9
10
R7
10K
NM
L6364_SS
3V3
USART1_TX
GND
L6364_INT
I2C_SCL
L6364_CTLD
USART1_RX
I2C_SDA
SYS_SWDIO
MCU_PB5
L6364_MISO
L6364_MOSI
L6364_UART RX
SYS_SWCLK
L6364_UART TX
L6364_MISO
L6364_INT
SYS_SWDIO
SYS_SWCLK
GND
NRST
I2C_SCL
L6364_CTLD
L6364_SS
L6364_MOSI
L6364_UART TX
L6364_UART RX
NRST
I2C_SDA
MCU_PB5
GND
USART2_RX
GND
GND
GND
GND
PA0
PA1
PA3
PA4
PA0
PA3
PA1
PA4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com