Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSW-IOD04K Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSW-IOD04K
Description  Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-IOD04K Datasheet(HTML) 5 Page - STMicroelectronics

  STSW-IOD04K Datasheet HTML 1Page - STMicroelectronics STSW-IOD04K Datasheet HTML 2Page - STMicroelectronics STSW-IOD04K Datasheet HTML 3Page - STMicroelectronics STSW-IOD04K Datasheet HTML 4Page - STMicroelectronics STSW-IOD04K Datasheet HTML 5Page - STMicroelectronics STSW-IOD04K Datasheet HTML 6Page - STMicroelectronics STSW-IOD04K Datasheet HTML 7Page - STMicroelectronics STSW-IOD04K Datasheet HTML 8Page - STMicroelectronics STSW-IOD04K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Figure 3. STEVAL-IOD004V1 (main board) circuit schematic (2 of 4)
DIO
CQ
IO-Link Device supply
voltage Range 7v-32v
default CLOSE 1-2
IO-link 4-position M8 A-coded connector
32V
Male Rear PCB Mount
CQ & DIO independent
(DIO mode) => JP3 open, Jp1 closed
CQ & DIO shorted together
(JOIN mode) => JP3 closed
default open
default closed
default closed
Analog and digital ground connected only at a point
CTLD
L6364_SS
L6364_INT
L6364_MISO
L6364_MOSI
L6364_UART RX
L6364_UART TX
VCC
DIO
CQ
L6364_SCLK
GND
3V3
L6364_UART RX
L6364_UART TX
C7
100nF
TP2
C1
470pF
JP3
0
L1
220uH
JP4
0
JP1
TP1
C2
220nF
U1
L6364 (CSP)
LED1
C3
LED2
D5
LOUT
D3
DOUT
D2
CTLD
B2
A2
INT
MOSI
A3
MISO
B3
SS
A4
SCK
B4
LD2
LED GREEN
A
C
R1
4.7K
C3
470pF
C5
2.2uF
C4
10nF
SW1
1
2
3
C6
4.7uF
CN1
1
3
JP2
LD1
LED RED
A
C
L6364_CTLD
3V3
L6364_MOSI
L6364_INT
L6364_MISO
L6364_SS
L6364_SCLK
L6364_CTLD
L6364_SS
L6364_INT
L6364_MISO
L6364_MOSI
L6364_UART RX
L6364_UART TX
L6364_SCLK
L6364_UART RX
L6364_UART TX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com