Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP828 Datasheet (PDF) - Sipex Corporation

SP828 Datasheet PDF - Sipex Corporation
Part # SP828
Download  SP828 Download
File Size   258.32 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Voltage Inverters

SP828 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP828 Datasheet PDF - Sipex Corporation

Part # SP828
Download  SP828 Click to download

File Size   258.32 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency Voltage Inverters

SP828 Datasheet (HTML) - Sipex Corporation


SP828 Product details

DESCRIPTION

The SP828/829 devices are CMOS Charge Pump Voltage Inverters that can be implemented in designs requiring a negative voltage from a +5V supply. The SP828/829 devices are ideal for both battery-powered and board level voltage conversion applications with a typical operating current of 50µA for the SP828 and 130µA for the SP829.



■ 99.9% Voltage Conversion Efficiency

■ +1.5V to +5.5V Input Voltage Range

■ +1.25 VIN Guaranteed Start-up

■ Inverts Input Supply Voltage

■ Low EMI Voltage Inverter

■ 50µA Quiescent Current for the SP828

■ 130µA Quiescent Current for the SP829

■ 25mA Output Current

■ Indefinite Output Short Circuit to GND

■ Low 20ΩOutput Resistance

■ 12kHz Operating Frequency for the SP828

■ 35kHz Operating Frequency for the SP829

■ Pin Compatible Enhancement to MAX 828/829, TC828/829

■ 5-pin SOT23 Package




Similar Part No. - SP828

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP820S SECOS-SP820S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
logo
SamHop Microelectronics...
SP823C SAMHOP-SP823C Datasheet
99Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
SP8255 SAMHOP-SP8255 Datasheet
95Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor
SP8256 SAMHOP-SP8256 Datasheet
106Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Similar Description - SP828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 2; 4/97
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 0; 6/97
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
New Jersey Semi-Conduct...
IR413 NJSEMI-IR413 Datasheet
474Kb / 2P
High -voltage NPN silicon transistors designed for medium-to-high- voltage inverters
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Sangdest Microelectroni...
B5817W SMC-B5817W Datasheet
188Kb / 4P
For use in low voltage, high frequency inverters
logo
SHIKUES Electronics
MBR120ESF SKTECHNOLGY-MBR120ESF Datasheet
799Kb / 2P
For use in low voltage, high frequency inverters
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
For use in low voltage, high frequency inverters
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
Switched-Capacitor Voltage Inverters
2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com