| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC55S6X
|
4Mb / 128P |
32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev.1.9-10 February 2020 |
|
LPC55S1X
|
4Mb / 128P |
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, USB HS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.2-8 June 2020 |
|
LPC55S2X
|
4Mb / 126P |
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020 |
|
LPC55S0X
|
3Mb / 116P |
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.0-16 October 2020 |
|
LPC55S0X
|
2Mb / 118P |
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
Rev. 1.2-6 August 2021 |
|
LPC55S6X
|
3Mb / 133P |
32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,
Rev. 2.3-6 August 2021 |
|
LPC55S2X
|
3Mb / 140P |
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022 |
|
LPC55S6X
|
3Mb / 140P |
32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
Rev. 2.4 - 8 December 2022 |
|
LPC55S0X
|
2Mb / 119P |
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.3 - 3 February 2023 |
|
LPC55S0X
|
2Mb / 119P |
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.4 - 14 April 2023 |
|