Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC55S2X Datasheet HTML 1Page - NXP Semiconductors LPC55S2X Datasheet HTML 2Page - NXP Semiconductors LPC55S2X Datasheet HTML 3Page - NXP Semiconductors LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
1. General description
The LPC55S2x/LPC552x is an ARM Cortex-M33 based microcontroller for embedded
applications. These devices include a CASPER Crypto/FFT engine, up to 256 KB of
on-chip SRAM, up to 512 KB on-chip flash, PRINCE module for on-the-fly flash
encryption/decryption, high-speed and full-speed USB host and device interface with
crystal-less operation for full-speed, SD/MMC/SDIO interface, five general-purpose
timers, one SCTimer/PWM, one RTC/alarm timer, one 24-bit Multi-Rate Timer (MRT), a
Windowed Watchdog Timer (WWDT), nine flexible serial communication peripherals
(which can be configured as a USART, SPI, high speed SPI, I2C, or I2S interface),
Programmable Logic Unit (PLU), one 16-bit 1.0 Msamples/sec ADC capable of
simultaneous conversions, comparator, and temperature sensor.
To support security requirements, the LPC55S2x/LPC552x also offers support for secure
boot, HASH, AES, RSA, UUID, dynamic encrypt and decrypt, debug authentication, and
TBSA compliance.
2. Features and benefits
ARM Cortex-M33 core (r0p3):
Running at a frequency of up to 150 MHz.
Memory Protection Unit (MPU).
ARM Cortex M33 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input with a selection of sources.
Serial Wire Debug with eight breakpoints and four watch points. Includes Serial
Wire Output for enhanced debug capabilities.
System tick timer.
The configuration of this instance includes MPU, FPU, DSP, ETM, and Trustzone.
CASPER Crypto co-processor is provided to enable hardware acceleration for various
functions required for certain asymmetric cryptographic algorithms, such as, Elliptic
Curve Cryptography (ECC).
On-chip memory:
Up to 512 KB on-chip flash program memory with flash accelerator and 512 byte
page erase and write.
Up to 256 KB total SRAM consisting of 32 KB SRAM on Code Bus, 208 KB SRAM
on System Bus (192 KB is contiguous), and additional 16 KB USB SRAM on
System Bus which can be used by the USB interface or for general purpose use.
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB
flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/
timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,
Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.
1 — 6 August 2021
Product data sheet


Similar Part No. - LPC55S2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S2X NXP-LPC55S2X Datasheet
4Mb / 126P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020
LPC55S2X NXP-LPC55S2X Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S2X NXP-LPC55S2X Datasheet
1Mb / 132P
32-bit Arm Cortex®-M33 microcontroller
Rev. 2.3 - 29 August 2024
LPC55S2X NXP-LPC55S2X_V02 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S2X NXP-LPC55S2X_V03 Datasheet
1Mb / 132P
32-bit Arm Cortex®-M33 microcontroller
Rev. 2.3 - 29 August 2024
More results

Similar Description - LPC55S2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S6X NXP-LPC55S6X Datasheet
4Mb / 128P
32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev.1.9-10 February 2020
LPC55S1X NXP-LPC55S1X Datasheet
4Mb / 128P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, USB HS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.2-8 June 2020
LPC55S2X NXP-LPC55S2X Datasheet
4Mb / 126P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020
LPC55S0X NXP-LPC55S0X Datasheet
3Mb / 116P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.0-16 October 2020
LPC55S0X NXP-LPC55S0X_V01 Datasheet
2Mb / 118P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
Rev. 1.2-6 August 2021
LPC55S6X NXP-LPC55S6X_V01 Datasheet
3Mb / 133P
32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,
Rev. 2.3-6 August 2021
LPC55S2X NXP-LPC55S2X_V02 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S6X NXP-LPC55S6X_V02 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
Rev. 2.4 - 8 December 2022
LPC55S0X NXP-LPC55S0X_V02 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.3 - 3 February 2023
LPC55S0X NXP-LPC55S0X_V03 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.4 - 14 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com