Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 93Page - NXP Semiconductors LPC55S2X Datasheet HTML 94Page - NXP Semiconductors LPC55S2X Datasheet HTML 95Page - NXP Semiconductors LPC55S2X Datasheet HTML 96Page - NXP Semiconductors LPC55S2X Datasheet HTML 97Page - NXP Semiconductors LPC55S2X Datasheet HTML 98Page - NXP Semiconductors LPC55S2X Datasheet HTML 99Page - NXP Semiconductors LPC55S2X Datasheet HTML 100Page - NXP Semiconductors LPC55S2X Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.1 — 6 August 2021
97 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
11.13 USART interface
The actual USART bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for USART
master and slave synchronous mode is 10 Mbit/s. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for USART
master and slave asynchronous mode is 6.25 Mbit/s.
[1]
Based on simulated values. Not tested in production.
Table 35.
USART dynamic characteristics[1]
Tamb = -40 °C to 105 °C; VDD = 1.8 V to 3.6 V; CL = 10 pF balanced loading on all pins; Input slew = 1 ns, SLEW setting =
fast-mode for all pins; Parameters sampled at the 50% level of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
USART master (in synchronous mode)
tsu(D)
data input set-up time
6
-
-
ns
th(D)
data input hold time
0
-
-
ns
tv(Q)
data output valid time
5
-
11
ns
USART slave (in synchronous mode)
tsu(D)
data input set-up time
6
-
-
ns
th(D)
data input hold time
0
-
-
ns
tv(Q)
data output valid time
9
-
25
ns
Fig 20. USART timing
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
START
BIT0
tvQ)
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
aaa-015074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com