Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 2Page - NXP Semiconductors LPC55S2X Datasheet HTML 3Page - NXP Semiconductors LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors LPC55S2X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.
1 — 6 August 2021
6 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
3. Ordering information
3.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC55S28JBD100 HLQFP100 plastic low profile quad flat package; 100 leads; body 14
 14  0.5mm pitch SOT1570-3
LPC55S26JBD100 HLQFP100 plastic low profile quad flat package; 100 leads; body 14
 14  0.5mm pitch SOT1570-3
LPC55S28JEV98
VFBGA98
thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC55S26JEV98
VFBGA98
thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC55S28JBD64
HTQFP64
thin fine-pitch ball grid array package; 64 leads; body 10
 10  0.5mm pitch SOT855-5
LPC55S26JBD64
HTQFP64
thin fine-pitch ball grid array package; 64 leads; body 10
 10  0.5mm pitch SOT855-5
LPC5528JBD100
HLQFP100 plastic low profile quad flat package; 100 leads; body 14
 14  0.5mm pitch SOT1570-3
LPC5526JBD100
HLQFP100 plastic low profile quad flat package; 100 leads; body 14
 14  0.5mm pitch SOT1570-3
LPC5528JEV98
VFBGA98
thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC5526JEV98
VFBGA98
thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC5528JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10 x10 x 0.5mm pitch
SOT855-5
LPC5526JBD64
HTQFP64
plastic low profile quad flat package; 64 leads; body 10 x10 x 0.5mm pitch
SOT855-5
Table 2.
Ordering options
Type number
LPC55S28JBD100
150
yes
512
256
yes
yes
yes
yes
yes
FS + HS
64
LPC55S26JBD100
150
yes
256
144
yes
yes
yes
yes
yes
FS + HS
64
LPC55S28JEV98
150
yes
512
256
yes
yes
yes
yes
yes
FS + HS
64
LPC55S26JEV98
150
yes
256
144
yes
yes
yes
yes
yes
FS + HS
64
LPC55S28JBD64
150
yes
512
256
yes
yes
yes
yes
yes
FS + HS
36
LPC55S26JBD64
150
yes
256
144
yes
yes
yes
yes
yes
FS + HS
36
LPC5528JBD100
150
-
512
256
-
-
-
-
yes
FS + HS
64
LPC5526JBD100
150
-
256
144
-
-
-
-
yes
FS + HS
64
LPC5528JEV98
150
-
512
256
-
-
-
-
yes
FS + HS
64
LPC5526JEV98
150
-
256
144
-
-
-
-
yes
FS + HS
64
LPC5528JBD64
150
-
512
256
-
-
-
-
yes
FS + HS
36
LPC5526JBD64
150
-
256
144
-
-
-
-
yes
FS + HS
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com