Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 22Page - NXP Semiconductors LPC55S2X Datasheet HTML 23Page - NXP Semiconductors LPC55S2X Datasheet HTML 24Page - NXP Semiconductors LPC55S2X Datasheet HTML 25Page - NXP Semiconductors LPC55S2X Datasheet HTML 26Page - NXP Semiconductors LPC55S2X Datasheet HTML 27Page - NXP Semiconductors LPC55S2X Datasheet HTML 28Page - NXP Semiconductors LPC55S2X Datasheet HTML 29Page - NXP Semiconductors LPC55S2X Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.1 — 6 August 2021
26 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
PIO1_0/
ADC0_11
4E1
11
[4]
Z
I/O;
AI
0 PIO1_0/ADC0_11 — General-purpose digital input/output
pin. ADC single ended input channel 3B - CH3B. Can
optionally be paired with CH3A as the negative differential
input on ADC1 channel 3.
I/O 1 FC0_RTS_SCL_SSEL1 — Flexcomm 0: USART
request-to-send, I2C clock, SPI slave select 1.
I/O 2 SD0_D[3] — SD/MMC 0 data 3.
I3 CTIMER_INP2 — Capture input to CTIMER input
multiplexers.
I4 SCT0_GPI4 — Pin input 4 to SCTimer/PWM.
5 R — Reserved.
6 R — Reserved.
7 R — Reserved.
8 R — Reserved.
O9 PLU_OUT3 — PLU output 3.
PIO1_1/
WAKEUP
39
G11
59
[2][8]
ZI/O 0 PIO1_1 — General-purpose digital input/output pin.
This pin can trigger a wake-up from deep power-down
mode.
WAKEUP pin can be configured as rising or falling edge
Remark: In ISP mode, this pin is set to the High Speed SPI
SSEL1 function (Flexcomm 8)
I/O 1 FC3_RXD_SDA_MOSI_DATA — Flexcomm 3: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S
data I/O.
2 R — Reserved.
I3 CTIMER_INP3 — Capture input to CTIMER input
multiplexers.
I4 SCT0_GPI5 — Pin input 5 to SCTimer/PWM.
I/O 5 HS_SPI_SSEL1 — Slave Select 1 for high speed SPI.
6 R — Reserved.
I7 USB1_OVERCURRENTN — USB1 bus overcurrent
indicator (active low).
8 R — Reserved.
O9 PLU_OUT4 — PLU output 4.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com