Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.1 — 6 August 2021
66 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
7.27.2 Comparator
The analog comparator can compare voltage levels on external pins and internal voltages.
The comparator has five inputs multiplexed separately to its positive and negative inputs.
7.27.2.1 Features
• Selectable external inputs can be used as either the positive or negative input of the
comparator.
• Voltage ladder source selectable between the supply, multiplexing between internal
VBAT_PMU and ACMPVREF.
• 32-stage voltage ladder can be used as either the positive or negative input of the
comparator.
• Supports standard and low power modes
• Interrupt capability.
Fig 7.
Comparator block diagram
+
-
CMP0
Interrupt
logic
180813
ACMPVREF
5
0
5
0
31
0
VREF
Internal
reference
PMUX
NMUX
HYST
VDDA
VREFINPUT
1
0
LOWPOWER
Filtering
FILTERGF_SAMPLEMODE
FILTERGF_CLKDIV
INT_ENABLE
INT_CLEAR
INT_CTRL
STATUS
INT_STATUS
VAL
ACMP0_A
ACMP0_B
ACMP0_C
ACMP0_D
ACMP0_E
Interrupt
to NVIC
INT_SOURCE
output to CTIMERs,
SCTimer/PWM, ADC,
DMA triggers
FILTER BYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com