Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.1 — 6 August 2021
46 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
7.16 APB peripherals
Table 6 provides details of the addresses for APB peripherals. APB peripherals have both
secure and non-secure access possibilities.
Table 6.
APB peripherals memory map
APB
bridge
Non-secure
base address
Secure
base address
Peripheral
0
0x4000 0000
0x5000 0000
Syscon.
0x4000 1000
0x5000 1000
IOCON. Pin function selection and pin control setup.
0x4000 2000
0x5000 2000
Group GPIO input interrupt 0 (GINT0)
0x4000 3000
0x5000 3000
Group GPIO input interrupt 1 (GINT1)
0x4000 4000
0x5000 4000
Pin interrupt and pattern match (PINT)
0x4000 5000
0x5000 5000
Secure pin interrupt and pattern match.
0x4000 6000
0x5000 6000
Input multiplexing 0 and frequency measure.
0x4000 7000
0x5000 7000
Reserved.
0x4000 8000
0x5000 8000
CT32B0 (standard counter/timer 0).
0x4000 9000
0x5000 9000
CT32B1 (standard counter/timer 1).
0x4000 C000
0x5000 C000
WWDT0 (windowed watchdog timer 0).
0x4000 D000
0x5000 D000
MRT (Multi-Rate Timer).
0x4000 E000
0x5000 E000
Utick (micro-tick timer).
0x4001 0000
0x5001 0000
ACMP0 (analog comparator).
0x4001 3000
0x5001 3000
Analog controls.
0x4001 5000
0x5001 5000
Reserved.
1
0x4002 3000
0x5002 3000
Sysctl (I2S signal sharing)
0x4002 8000
0x5002 8000
CT32B2 (standard counter/timer 2).
0x4002 9000
0x5002 9000
CT32B3 (standard counter/timer 3).
0x4002 A000
0x5002 A000
CT32B4 (standard counter/timer 4).
0x4002 C000
0x5002 C000
RTC & Wake-up timer.
0x4002 D000
0x5002 D000
OS_Event Timer.
0x4003 4000
0x5003 4000
Flash controller.
0x4003 5000
0x5003 5000
PRINCE dynamic encrypt/decrypt
0x4003 8000
0x5003 8000
USB HS Phy.
0x4003 A000
0x5003 A000
True Random Number Generator.
0x4003 B000
0x5003 B000
PUF (Physical Unclonable Function).
0x4003 D000
0x5003 D000
PLU (Programmable Logic Unit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com