Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7217 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7217 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7217
Download  VSC7217 Download
File Size   506.96 Kbytes
Page   36 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Multi-Gigabit Interconnect Chip

VSC7217 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7217 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7217
Download  VSC7217 Click to download

File Size   506.96 Kbytes
Page   36 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Multi-Gigabit Interconnect Chip

VSC7217 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7217 Product details

General Description
The VSC7217 is a quad 8-bit parallel-to-serial and serial-to-parallel transceiver chip used for high bandwidth interconnection between busses, backplanes, or other subsystems. Four Fibre Channel and Gigabit Ethernet compliant transceivers provide up to 8.32Gb/s of duplex raw data transfer. Each channel can be operated at a maximum data transfer rate of 1088Mb/s (8 bits at 136MHz) or a minimum rate of 784Mb/s (8 bits at 98MHz). For the entire chip in duplex mode, the aggregate transfer rate is between 6.3Gb/s and 8.7Gb/s.
   
Features
• 4 ANSI X3T11 Fibre Channel and IEEE
    802.3z Gigabit Ethernet Compliant Transceivers
• Over 8 Gb/s Duplex Raw Data Rate
• Redundant PECL Tx Outputs and Rx Inputs
• 8B/10B Encoder/Decoder per Channel,
    Optional Encoder/Decoder Bypass Operation
• “ASIC-FriendlyTM” Timing Options for
    Transmitter Parallel Input Data
• Elastic Buffers for Intra/Inter-Chip Cable
    Deskewing and Channel-to-Channel Alignment
• Tx/Rx Rate Matching via IDLE Insertion/
    Deletion
• Compatible with VSC7211/7212/7214
• Fast-Locking CRU: 100-Bit Clock Periods
• Received Data Aligned to Local REFCLK or to
    Recovered Clock
• PECL Rx Signal Detect and Cable Equalization
• Per-Channel Serial Tx-to-Rx and Parallel Rx-to-Tx
    Internal Loopback Modes
• Clock Multiplier Generates Baud Rate Clock
• Automatic Lock-to-Reference
• JTAG Boundary Scan Support for TTL I/O
• Built-In Self Test
• 3.3V Supply, 3.0W Typ, 3.5W Max.
• 256-pin, 27mm BGA Package
   




Similar Part No. - VSC7217

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
Gigabit Interconnect Chip
VSC7212RG VITESSE-VSC7212RG Datasheet
504Kb / 34P
Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7216-02 VITESSE-VSC7216-02 Datasheet
113Kb / 2P
02 Low Power Quad 1.25Gb/s Backplane Transceiver
VSC7216UC-01 VITESSE-VSC7216UC-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
More results


Similar Description - VSC7217

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Vitesse Semiconductor C...
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
logo
MRV Communications, Inc...
SFP-GD-MX MRV-SFP-GD-MX Datasheet
76Kb / 4P
Multi-mode Gigabit Ethernet SFP Transceiver
logo
PCA ELECTRONICS INC.
EPJ4031-4-S24 PCA-EPJ4031-4-S24 Datasheet
70Kb / 1P
RJ-45 Filter Gigabit Multi-Port Jack
logo
OPLINK Communications I...
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
Very Long Haul Multi-rate Gigabit Ethernet
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
Multi-rate 10-Gigabit 80km XFP Transceivers
logo
PCA ELECTRONICS INC.
EPJ4031-4-S24 PCA-EPJ4031-4-S24_15 Datasheet
70Kb / 1P
RJ-45 Filter Gigabit Multi-Port Jack
logo
List of Unclassifed Man...
G-SFP-W ETC2-G-SFP-W Datasheet
274Kb / 3P
Gigabit Multi-Mode SFP Transceiver
logo
Moxa Inc.
TN-G4500 MOXA-TN-G4500 Datasheet
615Kb / 5P
EN 50155 layer 2 multi-Gigabit switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com