Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7212 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7212 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7212
Download  VSC7212 Download
File Size   504.05 Kbytes
Page   34 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Gigabit Interconnect Chip

VSC7212 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7212 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7212
Download  VSC7212 Click to download

File Size   504.05 Kbytes
Page   34 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Gigabit Interconnect Chip

VSC7212 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7212 Product details

General Description
The VSC7212 is an 8-bit parallel-to-serial and serial-to-parallel transceiver chip used for high bandwidth interconnection between busses, backplanes, or other subsystems. A Fibre Channel and Gigabit Ethernet compliant transceiver provides up to 2.18Gb/s of duplex raw data transfer. The VSC7212 can operate at a maximum data transfer rate of 1088Mb/s (8 bits at 136MHz) or a minimum rate of 784Mb/s (8 bits at 98MHz).
   
Features
• ANSI X3T11 Compliant Fibre Channel and IEEE
    802.3z Compliant Gigabit Ethernet Transceiver
• Over 2Gb/s Duplex Raw Data Rate
• Redundant PECL Tx Outputs and Rx Inputs
• 8B/10B Encoder/Decoder, Optional Encoder/
    Decoder Bypass Operation
• “ASIC-FriendlyTM” Timing Options for Transmitter Parallel Input Data
• Elastic Buffer for Chip-to-Chip Cable Deskewing
• Tx/Rx Rate Matching via IDLE Insertion/Deletion
• Compatible with VSC7211, VSC7214 and
    VSC7216
• Received Data Aligned to Local REFCLK or to
    Recovered Clock
• PECL Rx Signal Detect and Cable Equalization
• Serial Tx-to-Rx and Parallel Rx-to-Tx Internal
    Loopback Modes
• Clock Multiplier Generates Baud Rate Clock
• Automatic Lock-to-Reference
• JTAG Boundary Scan Support for TTL I/O
• Built-In Self Test
• 3.3V Supply, 1.0 W
• 100-pin, 14mm TQFP package
   




Similar Part No. - VSC7212

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7216-02 VITESSE-VSC7216-02 Datasheet
113Kb / 2P
02 Low Power Quad 1.25Gb/s Backplane Transceiver
VSC7216UC-01 VITESSE-VSC7216UC-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7217 VITESSE-VSC7217 Datasheet
506Kb / 36P
Multi-Gigabit Interconnect Chip
VSC7217UC VITESSE-VSC7217UC Datasheet
506Kb / 36P
Multi-Gigabit Interconnect Chip
More results


Similar Description - VSC7212

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1012 HP-HDMP-1012 Datasheet
321Kb / 42P
4Low Cost Gigabit Rate Transmit/Receive Chip Set
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
Broadcom Corporation.
BCM5788 BOARDCOM-BCM5788 Datasheet
115Kb / 1P
SINGLE CHIP 32 BIT PCI GIGABIT CONTROLLER WITH PHY
logo
Vitesse Semiconductor C...
VSC7217 VITESSE-VSC7217 Datasheet
506Kb / 36P
Multi-Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7384 VITESSE-VSC7384 Datasheet
456Kb / 2P
12-port Gigabit Ethernet Switch-on-a-Chip
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
logo
XFMRS Inc.
XFGIG8B-CT1-4M XFMRS-XFGIG8B-CT1-4M Datasheet
112Kb / 2P
GIGABIT COMBO
logo
Pulse A Technitrol Comp...
J411 PULSE-J411 Datasheet
518Kb / 5P
Gigabit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com