Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12108A Datasheet (PDF) - Vishay Siliconix

SIP12108A Datasheet PDF - Vishay Siliconix
Part # SIP12108A
Download  SIP12108A Download
File Size   1232.26 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator

SIP12108A Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12108A Datasheet PDF - Vishay Siliconix

Part # SIP12108A
Download  SIP12108A Click to download

File Size   1232.26 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator

SIP12108A Datasheet (HTML) - Vishay Siliconix


SIP12108A Product details

• 2.8 V to 5.5 V input voltage
• Adjustable output voltage down to 0.6 V
• 5 A continuous output current
• Programmable switching frequency up to 4 MHz
• 95 % peak efficiency
• Stable with any capacitor. No external ESR
network required.
• Ultrafast transient response
• Selectable power saving (PSM) mode or forced
continuous mode
• ± 1 % accuracy of VOUT setting
• Pulse-by-pulse current limit
• Scalable with SiP12107 - 3 A
• SiP12108 is fully protected with OTP, SCP, UVP, OVP
• SiP12108A is fully protected with OTP, SCP, OVP
• PGOOD indicator




Similar Part No. - SIP12108A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiP12108A VISHAY-SiP12108A Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
SiP12108ADB VISHAY-SiP12108ADB Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
SiP12108ADMP-T1GE4 VISHAY-SiP12108ADMP-T1GE4 Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
More results


Similar Description - SIP12108A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
3 A, 24 V Input, Integrated Synchronous Buck Regulator
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
13-Mar-17
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 18P
2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
11-Nov-13
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
16-Dec-13
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
12-Feb-18
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com