Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32432DR Datasheet (PDF) - Vishay Siliconix

SIP32432DR Datasheet PDF - Vishay Siliconix
Part # SIP32432DR
Download  SIP32432DR Download
File Size   394.74 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking

SIP32432DR Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32432DR Datasheet PDF - Vishay Siliconix

Part # SIP32432DR
Download  SIP32432DR Click to download

File Size   394.74 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking

SIP32432DR Datasheet (HTML) - Vishay Siliconix


SIP32432DR Product details

• 1.5 V to 5.5 V input voltage range
• No bias power rail required
• Low on-resistance RDS(on),
typically 105 mΩ at 5 V and 135 mΩ at 3 V for
TDFN4 1.2 mm x 1.6 mm package
• Typical 147 mΩ at 5 V and 178 mΩ at 3 V for
SC-70-6 package
• Slew rate controlled turn-on time: 100 μs
• Ultra low leakage and quiescent current:
- VIN quiescent current = 0.01 nA
- VIN shutdown leakage = 0.20 nA
• Reverse blocking capability
• SC-70-6 and TDFN4 1.2 mm x 1.6 mm packages




Similar Part No. - SIP32432DR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32432DR3-T1GE3 VISHAY-SIP32432DR3-T1GE3 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
More results


Similar Description - SIP32432DR

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
Ultra Low Quiescent Current Smart Load Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
Ultra Low Quiescent Current Smart Load Switch
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Vishay Siliconix
SIP32432 VISHAY-SIP32432_V01 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
logo
Kinetic Technologies.
KTS1677A KINETIC-KTS1677A Datasheet
620Kb / 15P
Low RON Load Switch with Overvoltage and Reverse Blocking Protection
September 2021 - Revision 04d
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com