Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008-EVALZ Datasheet (PDF) - Analog Devices

ADPA7008-EVALZ Datasheet PDF - Analog Devices
Part # ADPA7008-EVALZ
Download  ADPA7008-EVALZ Download
File Size   2491.38 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier

ADPA7008-EVALZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA7008-EVALZ Datasheet PDF - Analog Devices

Part # ADPA7008-EVALZ
Download  ADPA7008-EVALZ Click to download

File Size   2491.38 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier

ADPA7008-EVALZ Datasheet (HTML) - Analog Devices


ADPA7008-EVALZ Product details

GENERAL DESCRIPTION
The ADPA7008 is a gallium arsenide (GaAs), pseudomorphic high
electron mobility transistor (pHEMT), monolithic microwave integrated
circuit (MMIC), 31 dBm saturated output power (PSAT, 1 W)
distributed power amplifier with an integrated temperature compensated
on-chip power detector that operates from 20 GHz to 54
GHz. The amplifier provides 17.5 dB of small signal gain, an output
power for 1 dB compression (P1dB) of 30 dBm with an excellent
IP3 of 37 dBm typical from 22 GHz to 40 GHz. The ADPA7008
is ideal for linear applications such as electronic countermeasure
and instrumentation applications requiring 31 dBm of efficient PSAT.
The ADPA7008 requires 1500 mA from a 5 V supply voltage (VDD).
The RF input and outputs are internally matched and dc blocked for
ease of integration into higher level assemblies. The ADPA7008 is
housed in a 7 mm × 7 mm, ceramic leadless package with heat sink
[LCC_HS] that exhibits low thermal resistance and is compatible
with surface-mount manufacturing techniques.

FEATURES
► Output P1dB: 30 dBm typical at 22 GHz to 40 GHz
► PSAT: 31 dBm typical at 22 GHz to 40 GHz
► Gain: 17.5 dB typical at 22 GHz to 40 GHz
► Input return loss: 12 dB typical at 22 GHz to 40 GHz
► Output return loss: 9.5 dB typical at 22 GHz to 40 GHz
► Output IP3: 37 dBm typical at 22 GHz to 40 GHz
► Supply voltage: 5 V typical at 1500 mA
► 50 Ω matched input and output
► 18-terminal, 7 mm × 7 mm, ceramic leadless chip carrier with heat sink [LCC_HS]
► Integrated power detector

APPLICATIONS
► Aerospace and defense
► Test instrumentation
► Communications




Similar Part No. - ADPA7008-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7008C-KIT AD-ADPA7008C-KIT Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
More results


Similar Description - ADPA7008-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com