Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008-EVALZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADPA7008-EVALZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008-EVALZ Datasheet(HTML) 3 Page - Analog Devices

  ADPA7008-EVALZ Datasheet HTML 1Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 2Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 3Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 4Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 5Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 6Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 7Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 8Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADPA7008
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 28
20 GHZ TO 22 GHZ FREQUENCY RANGE
TA = 25°C, VDD = 5 V, quiescent supply current (IDQ) = 1500 mA, and 50 Ω matched input and output, unless otherwise noted. Adjust VGG1 from
−1.5 V to −0.4 V to achieve IDQ = 1500 mA typical.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
20
22
GHz
GAIN
14.5
17
dB
Gain Flatness
±0.3
dB
Gain Variation Over Temperature
0.022
dB/°C
NOISE FIGURE
8
dB
RETURN LOSS
Input
14
dB
Output
12
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
26.5
29
dBm
Saturated Output Power
PSAT
30
dBm
Output Third-Order Intercept
IP3
34
dBm
Output power (POUT) per tone = 14 dBm with 1 MHz tone
spacing
POWER ADDED EFFICIENCY
PAE
10
%
Measured at PSAT
SUPPLY
Quiescent Current
IDQ
1500
mA
Adjust VGG1, from −1.5 V up to −0.4 V to achieve the desired
IDQ, VGGx = −0.63 V typical to achieve IDQ= 1500 mA
Voltage
VDD
4
5
V
22 GHZ TO 40 GHZ FREQUENCY RANGE
TA = 25°C, VDD = 5 V, IDQ = 1500 mA, and 50 Ω matched input and output, unless otherwise noted. Adjust VGG1 from −1.5 V to −0.4 V to
achieve IDQ = 1500 mA typical.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
22
40
GHz
GAIN
15
17.5
dB
Gain Flatness
±1.2
dB
Gain Variation Over Temperature
0.022
dB/°C
NOISE FIGURE
7.0
dB
RETURN LOSS
Input
12
dB
Output
9.5
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
27.5
30
dBm
Saturated Output Power
PSAT
31
dBm
Output Third-Order Intercept
IP3
37
dBm
POUT per tone = 14 dBm with 1 MHz tone spacing
POWER ADDED EFFICIENCY
PAE
11.5
%
Measured at PSAT
SUPPLY
Quiescent Current
IDQ
1500
mA
Adjust VGG1, from −1.5 V up to −0.4 V to achieve the desired IDQ,
VGGx = −0.63 V typical to achieve IDQ= 1500 mA
Voltage
VDD
4
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com