Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008-EVALZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7008-EVALZ
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008-EVALZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7008-EVALZ Datasheet HTML 17Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 18Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 19Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 20Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 21Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 22Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 23Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 24Page - Analog Devices ADPA7008-EVALZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADPA7008
BIASING THE ADPA7008 WITH THE LOW NOISE LTM8063
analog.com
Rev. 0 | 21 of 28
The LTM8063 is a Silent Switcher voltage regulator that meets the
bias requirement for the positive drain supply of the ADPA7008.
The regulator provides a drain bias voltage that is constant over
load current variations. Figure 70 shows a circuit that derives the
5 V VDD supply voltage from an input rail that can vary from 6.5 V
to 40 V (which is the VIN range of the LTM8063). The LTC8063 is
configured using external components to generate a 5 V VDD supply
capable of up to 2 A. Figure 71 shows a plot of the measured
noise figure vs. frequency of this circuit with a comparison to that
measured with a bench supply, for reference.
Figure 70. Application Circuit Using the LTM8063 for Low Noise Drain
Voltage Generation for the ADPA7008
Figure 71. ADPA7008 Noise Figure vs. Frequency Measured for VDD Using
the LTM8063 vs. a Bench Supply for Reference
A low current (<<1 mA) negative VGG is also required to provide the
constant VGG bias voltage. For this, the ADP5600 is recommended.
As previously noted, the ADPA7008 VDD and VGG voltages must be
correctly sequenced during power-on and power-off.
Figure 72 shows a complete circuit that includes positive drain
voltage generation, negative gate voltage generation, and the pow-
er-on and power-off sequencing. This circuit supports an external
input voltage (VIN) range of 12 V to 16 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com