Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet (PDF) - Microchip Technology

MIC45116 Datasheet PDF - Microchip Technology
Part # MIC45116
Download  MIC45116 Download
File Size   5482.94 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20V/6A DC/DC Power Module

MIC45116 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC45116 Datasheet PDF - Microchip Technology

Part # MIC45116
Download  MIC45116 Click to download

File Size   5482.94 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20V/6A DC/DC Power Module

MIC45116 Datasheet (HTML) - Microchip Technology


MIC45116 Product details

General Description
The MIC45116 is a synchronous step-down regulator
module, featuring a unique adaptive ON-time control
architecture. The module incorporates a DC/DC
controller, power MOSFETs, bootstrap diode, bootstrap
capacitor, and an inductor in a single package;
simplifying the design and layout process for the end
user.
This highly integrated solution expedites system
design and improves product time-to-market. The
internal MOSFETs and inductor are optimized to
achieve high efficiency at a low output voltage. The fully
optimized design can deliver up to 6A current under a
wide input voltage range of 4.75V to 20V without
requiring additional cooling.
The MIC45116-1 uses HyperLight Load® (HLL) which
maintains high efficiency under light load conditions by
transitioning to variable frequency, discontinuousmode
operation. The MIC45116-2 uses Hyper Speed
Control® architecture which enables ultra-fast load
transient response, allowing for a reduction of output
capacitance. The MIC45116 offers 1% output accuracy
that can be adjusted from 0.8V to 85% of the input
(PVIN) with two external resistors. Additional features
include thermal-shutdown protection, adjustable
current limit, and short-circuit protection. The
MIC45116 allows for safe start-up into a pre-biased
output.

Features
• Up to 6A Output Current
• >93% Peak Efficiency
• Output Voltage of 0.8V to 85% of Input with ±1% Accuracy
• Fixed 600 kHz Switching Frequency
• Enable Input and Open-Drain Power Good Output
• HyperLight Load® (MIC45116-1) Improves Light Load Efficiency
• Hyper Speed Control® (MIC45116-2) Architecture Enables Fast Transient Response
• Supports Safe Start-Up into Pre-Biased Output
• –40°C to +125°C Junction Temperature Range
• Thermal Shutdown Protection
• Short-Circuit Protection with Hiccup Mode
• Adjustable Current Limit
• Available in 52-Lead 8 mm x 8 mm x 3 mm H3QFN Package

Applications
• High Power Density Point-of-Load Conversion
• Servers, Routers, Networking, and Base Stations
• FPGAs, DSP, and Low-Voltage ASIC Power Supplies
• Industrial and Medical Equipment




Similar Part No. - MIC45116

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45116-1YMP-TR MICROCHIP-MIC45116-1YMP-TR Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
MIC45116-2YMP-TR MICROCHIP-MIC45116-2YMP-TR Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
More results


Similar Description - MIC45116

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 30P
Digital DC/DC PMBus 6A Power Module
March 5, 2013
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
logo
Linear Technology
LTM4603 LINER-LTM4603_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
LTM4603-1 LINER-LTM4603-1_15 Datasheet
448Kb / 26P
20V, 6A DC/DC Module Regulator with PLL, Output Tracking and Margining
logo
Intersil Corporation
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
20V/6A DC/DC Power Module
06/23/16
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
Digital DC/DC PMBus 6A Power Module
logo
Microchip Technology
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com