Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 3Page - Microchip Technology MIC45116 Datasheet HTML 4Page - Microchip Technology MIC45116 Datasheet HTML 5Page - Microchip Technology MIC45116 Datasheet HTML 6Page - Microchip Technology MIC45116 Datasheet HTML 7Page - Microchip Technology MIC45116 Datasheet HTML 8Page - Microchip Technology MIC45116 Datasheet HTML 9Page - Microchip Technology MIC45116 Datasheet HTML 10Page - Microchip Technology MIC45116 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
2016 - 2022 Microchip Technology Inc.
DS20005571B-page 7
MIC45116
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
–40
—
+125
°C
Note 1
Absolute Maximum Junction
Temperature
TJ(ABSMAX)
—
—
+150
°C
—
Storage Temperature Range
TS
–65
—
+150
°C
—
Lead Temperature
TLEAD
—
—
+260
°C
Soldering, 10 seconds
Package Thermal Resistances
52-lead 8 mm x 8 mm x 3 mm H3QFN
JA
—
22
—
°C/W Note 2
52-lead 8 mm x 8 mm x 3 mm H3QFN
JC
—
5
—
°C/W Note 2
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
2: JA and JC were measured using the MIC45116 evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com