Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC45116 Datasheet(PDF) 39 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 34Page - Microchip Technology MIC45116 Datasheet HTML 35Page - Microchip Technology MIC45116 Datasheet HTML 36Page - Microchip Technology MIC45116 Datasheet HTML 37Page - Microchip Technology MIC45116 Datasheet HTML 38Page - Microchip Technology MIC45116 Datasheet HTML 39Page - Microchip Technology MIC45116 Datasheet HTML 40Page - Microchip Technology MIC45116 Datasheet HTML 41Page - Microchip Technology MIC45116 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
2016 - 2022 Microchip Technology Inc.
DS20005571B-page 39
MIC45116
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC45116-1YMP-TR: 20V/6A DC/DC Power
Module, HyperLight Load,
–40°C to +125°C Temp.
Range, 52-Pin H3QFN,
1,500/Reel
b)
MIC45116-2YMP-TR: 20V/6A DC/DC Power
Module, Hyper Speed
Control, –40°C to +125°C
Temp. Range, 52-Pin
H3QFN, 1,500/Reel
PART NO.
XX
Package
Device
Device:
MIC45116:
20V/6A DC/DC Power Module
Features:
1
=
HyperLight Load
2
=
Hyper Speed Control
Temperature:
Y
=
–40°C to +125°C
Package:
MP =
52-Pin 8 mm x 8 mm x 3 mm H3QFN
Media Type:
TR =
1,500/Reel
X
Features
–
X
Temperature
XX
Media Type
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com