Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2016 Datasheet (PDF) - Vishay Siliconix

DG2016 Datasheet PDF - Vishay Siliconix
Part # DG2016
Download  DG2016 Download
File Size   134.66 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Bandwidth, Low Voltage, Dual SPDT Analog Switches

DG2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2016 Datasheet PDF - Vishay Siliconix

Part # DG2016
Download  DG2016 Click to download

File Size   134.66 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Bandwidth, Low Voltage, Dual SPDT Analog Switches

DG2016 Datasheet (HTML) - Vishay Siliconix


DG2016 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• Single Supply (1.8 V to 5.5 V)
• Low On-Resistance - RON: 2.4 Ω
• Crosstalk and Off Isolation: - 81 dB at 1 MHz
• MSOP-10 Package
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Reduced Power Consumption
• High Accuracy
• Reduce Board Space
• Low-Voltage Logic Compatible
• High Bandwidth

APPLICATIONS
• Cellular Phones
• Speaker Headset Switching
• Audio and Video Signal Routing
• PCMCIA Cards
• Low-Voltage Data Acquisition
• ATE

DESCRIPTION
The DG2016/DG2026 are monolithic CMOS dual
single-pole/double-throw (SPDT) analog switchs. They are
specifically designed for low-voltage, high bandwidth
applications.
The DG2016/DG2026’s on-resistance (3 Ω at 2.7 V),
matching and flatness are guaranteed over the entire analog
voltage range. Wide dynamic performance is achieved with
better than - 80 dB for both cross-talk and off-isolation at
1 MHz.
Both SPDT’s operate with independent control logic,
conduct equally well in both directions and block signals up
to the power supply level when off. Break-before-make is
guaranteed.
With fast switching speeds, low on-resistance, high
bandwidth, and low charge injection, the DG2016/DG2026
are ideally suited for audio and video switching with high
linearity.
Built on Vishay Siliconix’s low voltage CMOS technology, the
DG2016/DG2026 contain an epitaxial layer which prevents
latch-up




Similar Part No. - DG2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
20-Jan-03
DG2016 VISHAY-DG2016 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
DG2016 VISHAY-DG2016 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2016 VISHAY-DG2016 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2016DQ VISHAY-DG2016DQ Datasheet
62Kb / 6P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
20-Jan-03
More results


Similar Description - DG2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
20-Jan-03
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
03-Apr-17
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
0.3 Ω, Low Voltage Dual SPDT Analog Switches
30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com