Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2016 Datasheet (PDF) - Vishay Siliconix

DG2016 Datasheet PDF - Vishay Siliconix
Part # DG2016
Download  DG2016 Download
File Size   62.5 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Bandwidth, Low Voltage, Dual SPDT Analog Switch

DG2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2016 Datasheet PDF - Vishay Siliconix

Part # DG2016
Download  DG2016 Click to download

File Size   62.5 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Bandwidth, Low Voltage, Dual SPDT Analog Switch

DG2016 Datasheet (HTML) - Vishay Siliconix


DG2016 Product details

DESCRIPTION
The DG2016/DG2026 are monolithic CMOS dual single-pole/double-throw (SPDT) analog switchs. They are specifically designed for low-voltage, high bandwidth applications.
The DG2016/DG2026’s on-resistance (3 Ω at 2.7 V), matching and flatness are guaranteed over the entire analog voltage range. Wide dynamic performance is achieved with better than - 80 dB for both cross-talk and off-isolation at 1 MHz.
Both SPDT’s operate with independent control logic, conduct equally well in both directions and block signals up to the power supply level when off. Break-before-make is guaranteed.
With fast switching speeds, low on-resistance, high bandwidth, and low charge injection, the DG2016/DG2026 are ideally suited for audio and video switching with high linearity.
Built on Vishay Siliconix’s low voltage CMOS technology, the DG2016/DG2026 contain an epitaxial layer which prevents latch-up

FEATURES
• Halogen-free according to IEC 61249-2-21 Definition
• Single Supply (1.8 V to 5.5 V)
• Low On-Resistance - RON: 2.4 
• Crosstalk and Off Isolation: - 81 dB at 1 MHz
• MSOP-10 Package
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Reduced Power Consumption
• High Accuracy
• Reduce Board Space
• Low-Voltage Logic Compatible
• High Bandwidth

APPLICATIONS
• Cellular Phones
• Speaker Headset Switching
• Audio and Video Signal Routing
• PCMCIA Cards
• Low-Voltage Data Acquisition
• ATE




Similar Part No. - DG2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2016 VISHAY-DG2016 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
DG2016 VISHAY-DG2016 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2016 VISHAY-DG2016 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2016 VISHAY-DG2016 Datasheet
134Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2016DQ-T1-E3 VISHAY-DG2016DQ-T1-E3 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
More results


Similar Description - DG2016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
18-Aug-03
logo
STMicroelectronics
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
Low voltage high bandwidth dual SPDT switch
04-Dec-2006
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
14-May-07
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
STMicroelectronics
STG3220 STMICROELECTRONICS-STG3220 Datasheet
497Kb / 23P
Low voltage high bandwidth dual SPDT switch
14-May-2009
logo
Vishay Siliconix
DG2032E VISHAY-DG2032E Datasheet
169Kb / 9P
2.5 , High Bandwidth, Dual SPDT Analog Switch
27-Mar-17
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com